Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FP-14DA Datasheet(Fiches technique) 1 Page - Hitachi Semiconductor

Numéro de pièce FP-14DA
Description  Hex Schmitt-trigger Inverters
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

FP-14DA Datasheet(HTML) 1 Page - Hitachi Semiconductor

  FP-14DA Datasheet HTML 1Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 2Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 3Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 4Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 5Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 6Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 7Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC14
Hex Schmitt-trigger Inverters
Features
• High Speed Operation: t
pd = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
14
13
12
11
10
9
8
(Top view)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC41AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LV14AHex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN5414HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN74LS14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LVC14Hex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN54AHC14HEX SCHMITT-TRIGGER INVERTERS 1 2 Texas Instruments

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn