Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FP-14DA Datasheet(Fiches technique) 4 Page - Hitachi Semiconductor

Numéro de pièce FP-14DA
Description  Hex Schmitt-trigger Inverters
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

FP-14DA Datasheet(HTML) 4 Page - Hitachi Semiconductor

  FP-14DA Datenblatt HTML 1Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 2Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 3Page - Hitachi Semiconductor FP-14DA Datasheet HTML 4Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 5Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 6Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 7Page - Hitachi Semiconductor FP-14DA Datenblatt HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC41AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LV14AHex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN5414HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN74LS14HEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
SN54LVC14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments
HD74LVC14Hex Schmitt-trigger Inverters 1 2 3 4 5 MoreHitachi Semiconductor
SN54AHC14HEX SCHMITT-TRIGGER INVERTERS 1 2 Texas Instruments

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn