Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM372F3280CS1 Fiches technique(PDF) 11 Page - Samsung semiconductor

No de pièce KMM372F3280CS1
Description  32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F3280CS1 Fiches technique(HTML) 11 Page - Samsung semiconductor

Back Button KMM372F3280CS1 Datasheet HTML 7Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 8Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 9Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 10Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 11Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 12Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 13Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 14Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DRAM MODULE
KMM372F320(8)0CS1
tDOH
HYPER PAGE READ CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
Undefined
VOH -
VOL -
DQ
tOEP
COLUMN
ADDRESS
tCAS
tCAS
tCAS
tCAS
tCP
tCP
tCP
tHPC
tHPC
tHPC
tRHCP
tCSH
tRAD
tRAH tASC
tCAH
tCAH
tCAH
tASC
tCAH
tRCS
tAA
tRCH
tASC
COLUMN
ADDRESS
COLUMN
ADDR
VALID
DATA-OUT
tOEZ
tOEA
tOEP
tAA
tCAC
tOEA
tAA
tCPA
tCAC
tCPA
VALID
DATA-OUT
VALID
DATA-OUT
tOEZ
tCLZ
tRAC
tOEA
tOLZ
tCAC
tRRH
tCHO
tREZ
tOEZ
tCAC
tOCH
tCPA
tCAC
VALID
DATA-OUT
¡ó
tASC
tAA


Numéro de pièce similaire - KMM372F3280CS1

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Description similaire - KMM372F3280CS1

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372F883BS SAMSUNG-KMM372F883BS Datasheet
469Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com