Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-786J-300 Fiches technique(PDF) 7 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-786J-300
Description  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J-300 Fiches technique(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-786J-300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications (DC)
Unless otherwise noted, all specifications are at VIN+ = 0 V and VIN- = 0 V, all Typical specifications are at TA = 25°C and
VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following ranges: TA = -40°C to +85°C,
VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1, VDD2
05.5
V
Steady-State Input Voltage
VIN+, VIN-
-2.0
VDD1 + 0.5
V
1
Two Second Transient Input Voltage
-6.0
Output Voltages
MCLK, MDAT
-0.5
VDD2 + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
2
Solder Reflow Temperature Profile
See Maximum Solder Reflow Thermal Profile section
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltage
VIN+, VIN-
-200
+200
mV
1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Average Input Bias Current
IIN
-0.8
µA
1
3
Average Input Resistance
RIN
450
k
3
Input DC Common-Mode
Rejection Ratio
CMRRIN
60
dB
4
Output Logic High Voltage
VOH
3.9
4.9
V
IOUT = -100 µA
Output Logic Low Voltage
VOL
0.1
0.6
V
IOUT = 1.6 mA
Output Short Circuit Current
|IOSC|30
mA
VOUT = VDD2
or GND2
5
Input Supply Current
IDD1
10
15
mA
VIN+ = -350 mV
to +350 mV
2
Output Supply Current
IDD2
10
15
mA
3
Output Clock Frequency
fCLK
8.2
10
13.2
MHz
4
Data Hold Time
tHDDAT
15
ns
6


Numéro de pièce similaire - HCPL-786J-300

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J-500E AVAGO-HCPL-786J-500E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

Description similaire - HCPL-786J-300

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com