Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KB2685EW Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce KB2685EW
Description  8.89mmx19.05mm LED LIGHT BAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB2685EW Fiches technique(HTML) 2 Page - Kingbright Corporation

  KB2685EW Datasheet HTML 1Page - Kingbright Corporation KB2685EW Datasheet HTML 2Page - Kingbright Corporation KB2685EW Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAA7000
REV NO: V.5
DATE: APR/25/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: S.H.CHEN
ERP:1334000145
Selection Guide
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Min.
Typ.
KB2685EW
HIGH EFFICIENCY RED (GaAsP/GaP)
WHITE DIFFUSED
10
60
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 5mm below package base.
Parameter
High Efficiency Red
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 5 Seconds
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
High Efficiency Red
2.0
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BA-2R2UW LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  Yellow Stone Corp
BA-10R1UD LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  List of Unclassifed Manufacturers
KB2655EW 8.89mmx8.89mm LED LIGHT BAR 1  2  3  Kingbright Corporation
MU04-2101 SUPER BRIGHT LED LIGHT BAR MODULE 1  2  3  4  List of Unclassifed Manufacturers
KB2500SGD 8.89mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB2620EW 8.89mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
KB-B100SRW 19.05mmx3.81mm LED LIGHT BAR 1  2  3  Kingbright Corporation
MGB81T 2.37mm x 4.9mm ROUND RECTANGULAR BAR LED LAMP 1  2  Micro Electronics
MSB79TA-5 1.9mm x 3.97mm RECTANGULAR BAR LED LAMP 1  Micro Electronics
KB-2965EGW-B 8.89mmx8.89mm LIGHT BAR 1  2  3  4  Kingbright Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn