Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY85310-21 Fiches technique(PDF) 1 Page - Skyworks Solutions Inc.

No de pièce SKY85310-21
Description  2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85310-21 Fiches technique(HTML) 1 Page - Skyworks Solutions Inc.

  SKY85310-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY85310-21 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204718A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 15, 2017
1
PRODUCT SUMMARY
SKY85310-21: 2.4 GHz, 256 QAM WLAN/Bluetooth® Front-End
Module
Applications
 802.11ac set-top boxes, networking, and personal computer
systems
 PC cards, PCMCIA cards, mini-cards, and half mini-cards
 WLAN enabled wireless video systems
Features
 Integrated high-performance 2.4 GHz PA, harmonic filter, LNA
with bypass, and T/R switch
 Fully-matched input and output
 LNA with integrated bypass mode
 High performance SP3T switch to support Bluetooth/WiFi
functions
 Integrated positive slope power detector
 Transmit gain: 30 dB
 Receive gain: 12 dB
 Small QFN (16-pin, 3 x 3 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
203294-001
RX
TX
ANT
LNA
BT
Figure 1. SKY85310-21 Block Diagram
Description
The SKY85310-21 is a complete 802.11b/g/n 256 QAM WLAN RF
front-end module (FEM) with a Bluetooth port. The device
provides all the functionality of a fully matched power
amplifier (PA), power detector, low-noise amplifier (LNA), and
single-pole, triple-throw (SP3T) switch.
The SKY85310-21 provides a complete 2.4 GHz WLAN RF solution
from the output of the transceiver to the antenna, and from the
antenna to the input of the transceiver. The LNA increases the
receive sensitivity of embedded solutions to improve range or to
overcome the insertion loss of cellular filters (often included for
mobile applications).
The SKY85310-21 also includes a transmitter power detector with
20 dB of dynamic range, and a digital enable control for
transmitter power ramp on/off control.
The device is provided in an ultra-compact, 16-pin 3 x 3 mm
Quad Flat No-Lead (QFN) package. A functional block diagram is
shown in Figure 1..


Numéro de pièce similaire - SKY85310-21

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85310-11EK1 SKYWORKS-SKY85310-11EK1 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
More results

Description similaire - SKY85310-21

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY85310-11 SKYWORKS-SKY85310-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN/Bluetooth짰 Front-End Module
SKY85325-11 SKYWORKS-SKY85325-11 Datasheet
174Kb / 2P
   2.4 GHz, 256 QAM WLAN Front-End Module
SKY85314-11 SKYWORKS-SKY85314-11 Datasheet
174Kb / 2P
   2.4 GHz, 64 QAM WLAN Front-End Module
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY85300-21 SKYWORKS-SKY85300-21 Datasheet
739Kb / 11P
   2.4 GHz, 256 QAM Front-End Module for WLAN and Bluetooth® Applications
December 6, 2022
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com