Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX81801-82 Fiches technique(PDF) 11 Page - Synaptics Incorporated.

No de pièce CX81801-82
Description  SmartV.XX Modem
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX81801-82 Fiches technique(HTML) 11 Page - Synaptics Incorporated.

Back Button CX81801-82 Datasheet HTML 7Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 8Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 9Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 10Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 11Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 12Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 13Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 14Page - Synaptics Incorporated. CX81801-82 Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
CX81801-7x/8x SmartV.XX Modem Data Sheet
102199B
Conexant
1-3
Figure 1-1. SmartV.XX Modem Simplified Interface Diagram
CX81801
Modem
128-Pin TQFP
CX20493
SmartDAA
Line Side
Device (LSD)
28-Pin QFN
CX20442
Voice Codec
(VC)
32-Pin TQFP
(Optional)
MIC
SPEAKER
TIP
RING
Telephone
Line
Interface
Discrete
Components
102199_001
Digital
Isolation
Barrier
(DIB)
TIP
RING
HANDSET (OPTIONAL)
TELEPHONE LINE
(OPTIONAL)
PARALLEL
HOST BUS OR
SERIAL DTE
INTERFACE
Figure 1-2. SmartV.XX Modem Major Interfaces
CX81801 Modem
128-Pin TQFP
CX20442
Voice Codec (VC)
32-Pin TQFP
(Optional)
SmartDAA
Interface
Modem Data
Pump (MDP)
Digital Speaker
Circuit (Optional)
Paralle Host
or Serial DTE
Interface
MIC
SPEAKER
102199_002
SOUNDUCER
HS Hybrid
Components
(Optional)
RAM
(32K x 8)
ROM
(256k x 8)
Optional RAM
Up to 1M (128K x 8)
Optional Flash ROM
Up to 4M (512K x 8)
Microcontroller
Unit (MCU)
Serial EEPROM
2K (256 x 8) to
256K (32K x 8)
(Optional)
TIP
RING
Telephone
Line Interface
Discrete
Components
TIP
RING
Voice Relay,
HS Pickup
Detector
(Optional)
TELEPHONE
LINE
TELEPHONE
HANDSET
Digital
Isolation
Barrier (DIB)
Components
CX20493 SmartDAA
Line Side Device (LSD)
28-Pin QFN
Line
Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
DAA Hardware
Rectifier
and Filter
Components
(Mic/Speaker)
Interface
(Optional)


Numéro de pièce similaire - CX81801-82

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
219Kb / 2P
   Serial/Parallel Modem with 3rd
More results

Description similaire - CX81801-82

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com