Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5687 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5687
Description  16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5687 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC5687 Datasheet HTML 2Page - Texas Instruments DAC5687 Datasheet HTML 3Page - Texas Instruments DAC5687 Datasheet HTML 4Page - Texas Instruments DAC5687 Datasheet HTML 5Page - Texas Instruments DAC5687 Datasheet HTML 6Page - Texas Instruments DAC5687 Datasheet HTML 7Page - Texas Instruments DAC5687 Datasheet HTML 8Page - Texas Instruments DAC5687 Datasheet HTML 9Page - Texas Instruments DAC5687 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC5687
SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUT
FS = 19.2 mA (unless otherwise noted)
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY(1)
1 LSB = IOUTFS/216
INL
Integral nonlinearity
±4
LSB
TMIN to TMAX
DNL
Differential nonlinearity
±4
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Worst case error from ideal linearity
Fine gain linearity
±3
LSB
Offset error
Mid code offset
0.01
%FSR
Without internal reference
1
%FSR
Gain error
With internal reference
0.7
%FSR
With internal reference, dual DAC, and SSB
Gain mismatch
-2
2
%FSR
mode
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
AVDD
AVDD +
Output compliance range(3)
IOUTFS = 20 mA
V
–0.5 V
0.5 V
Output resistance
300
k
Output capacitance
5
pF
REFERENCE OUTPUT
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Small signal bandwidth
1.4
MHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/°C
Without internal reference
±15
ppm of
Gain drift
FSR/°C
With internal reference
±30
ppm of
Reference voltage drift
±8
FSR/°C
POWER SUPPLY
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.71
1.8
2.15
V
CLKVDD
Clock supply voltage
3
3.3
3.6
V
IOVDD
I/O supply voltage
1.71
3.6
V
PLLVDD
PLL supply voltage
3
3.3
3.6
V
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
Nominal full-scale current, IOUTFS , equals 32X the IBIAS current.
(3)
The lower limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5687 device. The upper limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the upper limit adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high impedance input to drive any external load.
6


Numéro de pièce similaire - DAC5687

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5687 TI-DAC5687 Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPG4 TI-DAC5687IPZPG4 Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Description similaire - DAC5687

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com