Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB17BA1PW Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TSB17BA1PW
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1PW Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TSB17BA1PW Datasheet HTML 5Page - Texas Instruments TSB17BA1PW Datasheet HTML 6Page - Texas Instruments TSB17BA1PW Datasheet HTML 7Page - Texas Instruments TSB17BA1PW Datasheet HTML 8Page - Texas Instruments TSB17BA1PW Datasheet HTML 9Page - Texas Instruments TSB17BA1PW Datasheet HTML 10Page - Texas Instruments TSB17BA1PW Datasheet HTML 11Page - Texas Instruments TSB17BA1PW Datasheet HTML 12Page - Texas Instruments TSB17BA1PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
1394 Link
1394b PHY
Termination
and
Transformer
RJ45
UTP Cable
Termination
TSB17BA1
Figure 3. 1394b Cable Termination
signal coding
The signaling generated from a 1394b PHY is 8B/10B encoded. This means to send 8 bits of data requires the
transmission of 10 bits across the cable. The maximum frequency that is required to send 100 Mbits/s is a
fundamental frequency of 62.5 MHz (see the IEEE Std 1394b-2002 for more explanation).
connector pins
The current IEEE Std 1394b-2002 requires that the connection from 1394b PHY signal to the RJ45 connector
pin be:
D TPB+ to RJ45 pin 1
D TPB− to RJ45 pin 2
D TPA+ to RJ45 pin 7
D TPA− to RJ45 pin 8
There is a proposal to change the IEEE Std 1394b-2002 connection from 1394b PHY signal to the RJ45
connector pin to be the same as the 100baseT Ethernet. This allows use of more 100baseT Ethernet
components for 1394b connections. This changes the connections to:
D TPB+ to RJ45 pin 1
D TPB− to RJ45 pin 2
D TPA+ to RJ45 pin 3
D TPA− to RJ45 pin 6
It is anticipated that the change will be implemented into IEEE Std 1394b-2002, though it has not been ratified.
Therefore, it is recommended that all implementations utilize the new pinout running TPA+ to pin 3 and TPA−
to pin 6. If a closed system is created, meaning the designer controls the electronics at both ends of the UTP5
cable, then using pins 7 and 8 can give as much as a 12-dB reduction in crosstalk rather than using pins 3 and
6. Please contact Texas Instruments for further details.
cable connection
The IEEE Std 1394b-2002 requires the output of a TPB port to be connected to the input of a TPA port when
connecting one device to a second device. In other words, it requires a crossover somewhere between the two
PHY ports. The 1394b standard further states that a UTP5 device incorporates logic that can automatically
implement this crossover in the logic. The TSB17BA1 does not contain this logic, therefore, the crossover must
be implemented external to the TSB17BA1.
It is recommended for users of the TSB17BA1 to:
D Design the UTP5 connection to pins 1, 2 and 3, 6 as previously detailed.
D Ship an Ethernet crossover cable with their devices.
The crossover cable connects:
D Pin 1 on the near end of the cable to pin 3 on the far end of the cable
D Pin 2 on the near end of the cable to pin 6 on the far end of the cable
D Pin 3 on the near end of the cable to pin 1 on the far end of the cable
D Pin 6 on the near end of the cable to pin 2 on the far end of the cable, thereby implementing the crossover.


Numéro de pièce similaire - TSB17BA1PW

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSB17 ETC1-TSB17 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
StarHope
TSB170U SPSEMI-TSB170U Datasheet
184Kb / 5P
   TSB(480W) Series
More results

Description similaire - TSB17BA1PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB81BA3-EP TI1-TSB81BA3-EP_14 Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI1-TSB81BA3E_14 Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15