Moteur de recherche de fiches techniques de composants électroniques |
|
TSB17BA1PW Fiches technique(PDF) 5 Page - Texas Instruments |
|
TSB17BA1PW Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 15 page TSB17BA1 IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER SLLS568C − JANUARY 2004 − REVISED MARCH 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage range, VDD (see Note 1) −0.3 V to 4 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VDD + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range at any output, VO −0.5 V to VDD + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free air temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C‡ TA = 70°C POWER RATING PW§ 0.93 W 10.9 mW/ °C 0.44 W ‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA). § 2-oz trace and copper pad with solder. |
Numéro de pièce similaire - TSB17BA1PW |
|
Description similaire - TSB17BA1PW |