Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX9760 Fiches technique(PDF) 1 Page - Maxim Integrated Products

No de pièce MAX9760
Description  Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9760 Fiches technique(HTML) 1 Page - Maxim Integrated Products

  MAX9760 Datasheet HTML 1Page - Maxim Integrated Products MAX9760 Datasheet HTML 2Page - Maxim Integrated Products MAX9760 Datasheet HTML 3Page - Maxim Integrated Products MAX9760 Datasheet HTML 4Page - Maxim Integrated Products MAX9760 Datasheet HTML 5Page - Maxim Integrated Products MAX9760 Datasheet HTML 6Page - Maxim Integrated Products MAX9760 Datasheet HTML 7Page - Maxim Integrated Products MAX9760 Datasheet HTML 8Page - Maxim Integrated Products MAX9760 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX9760–MAX9763 family combines a stereo or
mono 3W bridge-tied load (BTL) audio power amplifier,
stereo single-ended headphone amplifier, headphone
sensing, and a 2:1 input multiplexer all in a tiny 28-pin
thin QFN package. These devices operate from a sin-
gle 4.5V to 5.5V supply and feature an industry-leading
100dB PSRR, allowing these devices to operate from
noisy supplies without the addition of a linear regulator.
An ultra-low 0.002% THD+N ensures clean, low-distor-
tion amplification of the audio signal. Patented click-
and-pop suppression eliminates audible transients on
power and shutdown cycles. Power-saving features
include low 4mV VOS (minimizes DC current drain
through the speakers), low 13mA supply current, and a
10µA shutdown mode. A MUTE function allows the out-
puts to be quickly enabled or disabled.
A headphone sense input detects the presence of a
headphone jack and automatically configures the
amplifiers for either speaker or headphone mode. In
speaker mode, the amplifiers can deliver up to 3W of
continuous average power into a 3
Ω load. In head-
phone mode, the amplifier can deliver up to 200mW of
continuous average power into a 16
Ω load. The gain of
the amplifiers is externally set, allowing maximum flexi-
bility in optimizing output levels for a given load. The
amplifiers also feature a 2:1 input multiplexer, allowing
multiple audio sources to be selected. The multiplexer
can also be used to compensate for limitations in the
frequency response of the loud speakers by selecting
an external equalizer network. The various functions are
controlled by either an I2C-compatible or simple parallel
control interface.
The MAX9760–MAX9763 are available in either a ther-
mally efficient 28-pin thin QFN package (5mm 5mm
0.8mm) or a TSSOP-EP package. All devices have ther-
mal overload protection (OVP) and are specified over
the extended -40°C to +85°C temperature range.
Applications
Notebooks
Portable DVD Players
Tablet PCs
PC Audio Peripherals
Camcorders
Features
o Industry-Leading, Ultra-High 100dB PSRR
o PC99/01 Compliant
o 3W BTL Stereo Speaker Amplifier
o 200mW Stereo Headphone Amplifier
o Low 0.002% THD+N
o Patented Click-and-Pop Suppression
o ESD-Protected Outputs
o Low Quiescent Current: 13mA
o Low-Power Shutdown Mode: 10µA
o MUTE Function
o Headphone Sense Input
o Stereo 2:1 Input Multiplexer
o Optional 2-Wire, I2C-Compatible or Parallel
Interface
o Tiny 28-Pin Thin QFN (5mm 5mm 0.8mm) and
TSSOP-EP Packages
Stereo 3W Audio Power Amplifiers with
Headphone Drive and Input Mux
________________________________________________________________ Maxim Integrated Products
1
SE/
BTL
SINGLE SUPPLY
4.5V TO 5.5V
I2C-
COMPATIBLE
MAX9760
LEFT IN1
LEFT IN2
RIGHT IN1
RIGHT IN2
CONTROL
Simplified Block Diagram
Ordering Information
19-2744; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9760ETI
-40°C to +85°C
28 Thin QFN-EP*
MAX9760EUI
-40°C to +85°C
28 TSSOP-EP*
Pin Configurations and Functional Diagrams appear at end
of data sheet.
Ordering Information continued at end of data sheet.
*EP = Exposed paddle.


Numéro de pièce similaire - MAX9760

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX976 MAXIM-MAX976 Datasheet
228Kb / 11P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX976-MAX998 MAXIM-MAX976-MAX998 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX9765 MAXIM-MAX9765 Datasheet
1Mb / 32P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
MAX9765 MAXIM-MAX9765 Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
More results

Description similaire - MAX9760

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX9777 MAXIM-MAX9777 Datasheet
1Mb / 27P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
19-0509; Rev 0; 4/06
MAX9765 MAXIM-MAX9765 Datasheet
1Mb / 32P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
MAX9765 MAXIM-MAX9765_07 Datasheet
833Kb / 33P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 2; 3/07
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
logo
National Semiconductor ...
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com