Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1770 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM1770
Description  SOT-23 Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1770 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1770 Datasheet HTML 4Page - National Semiconductor (TI) LM1770 Datasheet HTML 5Page - National Semiconductor (TI) LM1770 Datasheet HTML 6Page - National Semiconductor (TI) LM1770 Datasheet HTML 7Page - National Semiconductor (TI) LM1770 Datasheet HTML 8Page - National Semiconductor (TI) LM1770 Datasheet HTML 9Page - National Semiconductor (TI) LM1770 Datasheet HTML 10Page - National Semiconductor (TI) LM1770 Datasheet HTML 11Page - National Semiconductor (TI) LM1770 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Information
THEORY OF APPLICATION
The LM1770 synchronous buck switcher has a control
scheme that is referred to as constant on-time control. This
topology relies on a fixed switch on-time to regulate the
output voltage. This on-time is internally set by EEPROM
and is available with three different set-points to allow for
different frequency options. The LM1770 automatically ad-
justs the on-time during operation inversely with the input
voltage (V
IN) to maintain a constant frequency. Therefore the
switching frequency during continuous conduction mode is
independent of the inductor and capacitor size unlike hyster-
etic switchers.
At the beginning of the cycle the LM1770 turns on the high
side PFET for a fixed duration. This on-time is predetermined
(internally set by EEPROM and adjusted by V
IN) and the
switch will not turn off until the timer has completed its
period. The PFET will then turn off for a minimum pre-
determined time period. This minimum T
OFF of 150ns is
internally set and cannot be adjusted. This is to prevent false
triggering from occurring on the comparator due to noise
from the SW node transition. After the minimum T
OFF period
has expired, the PFET will remain off until the comparator
trip-point has been reached. Upon passing this trip-point (set
at 0.8V at the feedback pin), the PFET will turn back on and
the process will repeat, thus regulating the output.
The NFET control is complementary to the PFET control with
the exception of a short dead-time to prevent shoot through
from occurring.
DEVICE OPERATION
Timing Opinion
Three versions of the LM1770 are available each with a
predetermined T
ON set internally by EEPROM. This TON
setting will determine the switching frequency for the appli-
cation. Derivation and calculation of the switching frequen-
cy’s dependence on V
IN and TON can be seen in the follow-
ing section.
In a PWM buck switcher the following equations can be
manipulated to obtain the switching frequency. The first
equation shows the standard duty-cycle equation given by
the volts-seconds balance on the inductor with the following
equations defining standard relationships:
T
ON =Dx TP
Using this equations and solving for duty-cycle:
D=f
SW xTON
Frequency can now be expressed as:
Or simply written as:
where,
α =V
IN xTON
To maintain a set frequency in an application,
α is always
held constant by varying T
ON inversely with VIN. The three
versions of the LM1770 are identified by the on times at a
V
IN of 3.3V for consistency. For clarification see the table
below:
Product ID
T
ON @ 3.3V
α (V µs)
LM1770S
0.5µs
1.65
LM1770T
1.0µs
3.3
LM1770U
2.0µs
6.6
The variation of T
ON versus VIN can also be expressed
graphically. These graphs can be found in the typical curves
section of the datasheet.
With
α being a constant regardless of the version of the
LM1770 used, equation [6] shows that the only dependent
variable remaining is V
OUT. Since VOUT will be a constant in
any application, the frequency will also remain constant. The
switching frequency at which the application runs depends
upon the V
OUT desired and the LM1770 version chosen. For
any V
OUT, three frequency options (LM1770 versions) can
be selected. This can be seen in the table below. The rec-
ommended frequency range of operation is 100kHz to
1000kHz.
VOUT
Timing Options
500ns
1000ns
2000ns
0.8
485
242
121
1
606
303
152
1.2
727
364
182
1.5
909
455
227
1.8
1091
545
273
2.5
1515
758
379
3.3
2000
1000
500
Switching Frequency (kHz) of LM1770 based on output voltage and timing
option.
SHORT-CIRCUIT PROTECTION
The LM1770 has an internal short circuit comparator that
constantly monitors the feedback node (except during soft-
start). If the feedback voltage drops below 0.55V (equivalent
to the output voltage dropping below 68% of nominal), the
comparator will trip causing the part to latch off. The LM1770
will not resume switching until the input voltage is taken
below the UVLO threshold and then brought back into its
normal operating range. The purpose of this function is to
prevent a severe short circuit from causing damage to the
application. Due to the fast transient response of the
LM1770 a severe short on the output causing the feedback
to drop would only occur if the load applied had an effective
resistance that approaches the PMOS R
DS(ON).
SOFT-START
To limit in-rush current and allow for a controlled startup the
LM1770 incorporates an internal soft-start scheme. Every
time the input voltage rises through the UVLO threshold the
LM1770 goes through an adaptive soft-start that limits the
www.national.com
8


Numéro de pièce similaire - LM1770

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
LM1770SMF/NOPB TI1-LM1770SMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
LM1770TMF/NOPB TI1-LM1770TMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
LM1770TMFX/NOPB TI1-LM1770TMFX/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
LM1770UMF/NOPB TI1-LM1770UMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results

Description similaire - LM1770

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com