Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD244C Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce BD244C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD244C Fiches technique(HTML) 4 Page - ON Semiconductor

  BD244C Datasheet HTML 1Page - ON Semiconductor BD244C Datasheet HTML 2Page - ON Semiconductor BD244C Datasheet HTML 3Page - ON Semiconductor BD244C Datasheet HTML 4Page - ON Semiconductor BD244C Datasheet HTML 5Page - ON Semiconductor BD244C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD243B BD243C BD244B BD244C
4
Motorola Bipolar Power Transistor Device Data
500
0.06
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.1
0.2
0.3 0.4
0.6
1.0
2.0
6.0
100
50
30
10
2.0
0.06
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.2
0.3
0.6
2.0 3.0 4.0
6.0
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
2.0
10
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0
20
30
50
100
200 300
500
1000
1.6
1.2
0.8
0.4
IC = 1.0 A
TJ = 25°C
2.5 A
5.0 A
300
70
TJ = 150°C
25
°C
– 55
°C
VCE = 2.0 V
+ 2.5
0.06
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5
1.0
3.0 0.4
0.6
+ 2.0
+ 1.5
+ 0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
θVB FOR VBE
*
θVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
103
Figure 12. Collector Cut-Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10–1
10– 2
10– 3
– 0.3 – 0.2 – 0.1
0
+ 0.1 + 0.2 + 0.3
+ 0.4 + 0.5 + 0.6
VCE = 30 V
TJ = 150°C
100
°C
REVERSE
FORWARD
IC = ICES
10M
Figure 13. Effects of Base–Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
1.0M
100k
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
7.0
0.1
1.0
0.4
1.6
1.2
VBE @ VCE = 4.0 V
+ 1.0
2.0
0.1
IC = 2 x ICES
200
20
4.0
+ 25
°C to + 150°C
– 55
°C to + 25°C
+ 25
°C to + 150°C
– 55
°C to + 25°C
25
°C
+ 0.7
10k
1.0k
0.1k


Numéro de pièce similaire - BD244C

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BD244C MOSPEC-BD244C Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Savantic, Inc.
BD244C SAVANTIC-BD244C Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
logo
List of Unclassifed Man...
BD244C ETC2-BD244C Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BD244C MOTOROLA-BD244C Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Rectron Semiconductor
BD244C RECTRON-BD244C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

Description similaire - BD244C

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com