Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C30737 Fiches technique(PDF) 5 Page - PerkinElmer Optoelectronics

No de pièce C30737
Description  Epitaxial Silicon Avalanche Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30737 Fiches technique(HTML) 5 Page - PerkinElmer Optoelectronics

  C30737 Datasheet HTML 1Page - PerkinElmer Optoelectronics C30737 Datasheet HTML 2Page - PerkinElmer Optoelectronics C30737 Datasheet HTML 3Page - PerkinElmer Optoelectronics C30737 Datasheet HTML 4Page - PerkinElmer Optoelectronics C30737 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Typical Gain versus Voltage at 800 nm (22°C)
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
Applied Voltage / Breakdown Voltage
optoelectronics.perkinelmer.com
Asia:
PerkinElmer
Optoelectronics
47 Ayer Rajah Crescent
#06-12
Singapore 139947
Phone: +65 6775 2022
Fax: 65 6775 1008
Europe:
PerkinElmer
Optoelectronics GmbH
Wenzel-Jaksch-Str.31
65199 Wiesbaden
Phone: +49 611 492 534
Fax: +49 611 492 578
Canada:
PerkinElmer Optoelectronics
22001 Dumberry Road
Vaudreuil, Québec, J7V-8P7
Canada
Phone (450) 424-3300
Fax: (514) 693-2210
© 2004 PerkinElmer Inc. All rights reserved.
Ordering Information
While the information in this data sheet is intended to describe the form, fit and function for this product, PerkinElmer reserves
the right to make changes without notice.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.optoelectronics.perkinelmer.com.
All values are nominal; specifications subject to change without notice.
USA:
PerkinElmer
Optoelectronics
44370 Christy Street
Fremont, CA
94538-3180
Phone: (510) 979-6500
Fax: (510) 687-1152
Gain versus Voltage
Ordering Guide
C30737 Series
C30737 Series
Page 5
Part Number
Active Area Diameter
Package Type
C30737E-230
230
µm
Hermetic TO-18, 3 pin
C30737E-500
500
µm
Hermetic TO-18, 3 pin
C30737P-230
230
µm
Plastic TO-18, 2 pin
C30737P-500
500
µm
Plastic TO-18, 2 pin
LO09/01/04


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn