Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC94A23F Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce TC94A23F
Description  Single-chip CD Processor with Built-in Controller
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

TC94A23F Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TC94A23F
2002-02-06
1
Toshiba CMOS Digital Integrated Circuit
Silicon Monolithic
TC94A23F
Single-chip CD Processor with Built-in Controller
TC94A23F is a single-chip CD processor for digital servo. It
incorporates a 4-bit microcontroller.
The controller features an LCD/LED driver, 4-channel 6-bit AD
converter, 2/3-line serial interface, buzzer, interrupt function, and
8-bit timer/counter. The CPU can select one of three crystal
oscillator operating clocks (16.9344 MHz, 4.5 MHz, and 75 kHz),
facilitating interface with the CD processor.
The CD processor incorporates sync separation protection and
interpolation, EFM decoder, error correction, digital equalizer for
servo, and servo controller. The CD processor also incorporates a
1-bit DA converter. In combination with RF amp TA2153FN or
TA2109F, TC94A23F can very simply configure an
adjustment-free CD player.
Thus, the IC is suitable for CD systems for automobiles and radio-cassette players.
Features
· Single-chip CD processor with built-in CMOS LCE/LED driver and 4-bit microcontroller
· Operating voltage:
At CD on: VDD = 4.5 to 5.5 V (typ. 5.0 V)
At CD off: VDD = 3.0 to 5.5 V (only CPU on)
· Current dissipation:
At CD on: IDD = 50 mA (typ.)
At CD off: IDD = 2 mA (with 4.5 MHz crystal oscillator, only CPU on)
At CD off: IDD = 0.3 mA (with 75 kHz crystal oscillator, only CPU on)
· Operating temperature range: Ta = -40~85°C
· Package:
QFP100-P-1420-0.65A (0.65-mm pitch, 2.7-mm thick)
· One-time PROM version:
TC94AP09F
Weight: 1.6 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn