Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADP1071-1 Datasheet(Fiches technique) 25 Page - Analog Devices

Numéro de pièce ADP1071-1
Description  Isolated Synchronous Flyback Controller
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADP1071-1 Datasheet(HTML) 25 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 25 of 27
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUITS
GATE
ZENER
EMI FILTER
AND
RECTIFIER
90V TO 264V AC
VIN
(385V DC)
AUXILIARY PS
RRAMP
RSTARTUP
VOUT
AGND1
VREG1
MODE
EN
CS
RT
SYNC
EXTERNAL
STARTUP CIRCUIT
SR
AGND2
VREG2
VDD2
OVP
FB
COMP
SS2
ADP1071-1
Figure 29. ADP1071-1 Typical Application with External Start-Up Circuit and Auxiliary Power
GATE
VIN = 4.5V TO 60V
RRAMP
RSTARTUP
VOUT
AGND1
VREG1
VIN
EN
CS
RT
SYNC
SR
AGND2
VDD2
VREG2
OVP
FB
COMP
SS2
ADP1071-2
Figure 30. ADP1071-2 Low Input Voltage Flyback Application Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn