Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADP1071-1 Datasheet(Fiches technique) 15 Page - Analog Devices

Numéro de pièce ADP1071-1
Description  Isolated Synchronous Flyback Controller
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADP1071-1 Datasheet(HTML) 15 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 15 of 27
DETAILED BLOCK DIAGRAM
Figure 17 shows a detailed block diagram of the ADP1071-1/ADP1071-2.
VREG1
14V
VIN/MODE1
1THIS PIN IS VIN ON THE ADP1071-2, AND MODE ON THE ADP1071-1
GATE
CS
8V LDO
5V
ADP1071-1/ADP1071-2
DRV
OSCILLATOR
RAMP
PWM
COMPARATOR
VMODE
OCP
THRESHOLD
SLOPE
COMP
RT
Q
S
R
LOGIC
AGND2
5V LDO
VDD2
THERMAL
LIMIT
LOGIC
OV
OVP
VREF2
VREG2
VREF
1.2V
VREG
SR
LOGIC
AND
DEAD
TIME
CTRL
COMP
RCLM
RSOFT START
VREG2
DRV
AGND1
OV
DC
1.36V
COMP
FB
gm
AMPLIFIER
1.2VREF
VREG2
SS2
OCP RECOVERY
SLOPE RAMP
SYNC
fOSC
EN
1.2V
4µA
1µA
Tx
Tx
COMP
SR
BIAS
LOGIC
OCP
CONTROL
LUM
CONTROL
OV DETECT
PRIMARY
TO SECONDARY
HANDOVER LOGIC
INTERNAL
SOFT
START
OV
Figure 17. Detailed Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn