Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1071-1 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADP1071-1
Description  Isolated Synchronous Flyback Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1071-1 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADP1071-1 Datasheet HTML 9Page - Analog Devices ADP1071-1 Datasheet HTML 10Page - Analog Devices ADP1071-1 Datasheet HTML 11Page - Analog Devices ADP1071-1 Datasheet HTML 12Page - Analog Devices ADP1071-1 Datasheet HTML 13Page - Analog Devices ADP1071-1 Datasheet HTML 14Page - Analog Devices ADP1071-1 Datasheet HTML 15Page - Analog Devices ADP1071-1 Datasheet HTML 16Page - Analog Devices ADP1071-1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 13 of 27
40
42
44
46
48
50
52
54
56
58
TEMPERATURE (°C)
MEAN
MINIMUM
MAXIMUM
–40
–20
0
20
40
60
80
100
120
Figure 12. GATE Delay vs. Temperature (GATE Falling to SR Rising)
TEMPERATURE (°C)
MEAN
MINIMUM
MAXIMUM
20
25
40
35
40
45
–40
–20
0
20
40
60
80
100
120
Figure 13. GATE Delay vs. Temperature (GATE Falling to SR Rising)
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
MEAN
MINIMUM
MAXIMUM
Figure 14. EN Pin Hysteresis Current vs. Temperature, EN > 1.2 V
3.70
3.75
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
MEAN
MINIMUM
MAXIMUM
Figure 15. EN Pin Hysteresis Current vs. Temperature, EN < 1.2 V
140
142
144
146
148
150
152
154
156
158
160
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
MEAN
MINIMUM
MAXIMUM
Figure 16. Blanking Time vs. Temperature


Numéro de pièce similaire - ADP1071-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073AN AD-ADP1073AN Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073AN-12 AD-ADP1073AN-12 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073AN-33 AD-ADP1073AN-33 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Description similaire - ADP1071-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
   Isolated No-Opto Synchronous Flyback Controller
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
   100V Isolated Flyback Controller
LT3748 LINER-LT3748_1 Datasheet
290Kb / 30P
   100V Isolated Flyback Controller
LT1737 LINER-LT1737 Datasheet
320Kb / 28P
   High Power Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
   High Power Isolated Flyback Controller
LT1725 LINER-LT1725_15 Datasheet
264Kb / 28P
   General Purpose Isolated Flyback Controller
LT1725 LINER-LT1725 Datasheet
189Kb / 28P
   General Purpose Isolated Flyback Controller
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
   Synchronous Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com