Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADP1071-1 Datasheet(Fiches technique) 5 Page - Analog Devices

Numéro de pièce ADP1071-1
Description  Isolated Synchronous Flyback Controller
Télécharger  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

ADP1071-1 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADP1071-1/ADP1071-2
Rev. B | Page 5 of 27
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT-LIMIT SENSE
(PRIMARY)
CS Limit Threshold
VCS_LIM
Overcurrent sense limit threshold
120
mV
CS Leading Edge
Blanking Time
150
ns
Current Source di/dt for
Slope Compensation
Switching period (tS) = 1/fS
20
µA per tS
Overcurrent Protection
(OCP) Comparator
Delay
40
ns
Time in OCP Before
Entering Hiccup
Mode
1.5
ms
OCP Hiccup Time
See the Input/Output Current-Limit
Protection section
40
ms
FB PIN AND ERROR
AMPLIFIER
Feedback Accuracy
Voltage
VFB
TJ = −40°C to +85°C
−0.85%
+1.2
+0.85%
V
TJ = −40°C to +125°C
−1.25%
+1.2
+1.25%
V
Temperature
Coefficient
76
ppm/°C
FB Input Bias Current
−100
1
+100
nA
Transconductance
gm
230
250
270
µS
Output Current Clamp
Minimum
−57
µA
Maximum
43
µA
COMP Clamp Voltage
Maximum
2.52
V
Minimum
0.7
V
Open-Loop Gain
80
dB
Output Shunt Resistance
5
GΩ
Gain Bandwidth Product
1
MHz
PRECISION ENABLE
THRESHOLD
EN Threshold
VEN
EN rising
1.14
1.2
1.26
V
EN Hysteresis
VEN < 1.2 V
4
µA
VEN > 1.2 V
1
µA
EN Hysteresis Current
3
µA
LIGHT LOAD MODE
(ADP1071-1 ONLY)
LLM Current Source
Resistor from MODE to AGND1
5.5
6.5
7.5
µA
TEMPERATURE
Thermal Shutdown
155
°C
Hysteresis
−15
°C
SOFT START
Open Loop Soft Start
Time on Primary
tSS1
GATE resistor = 10 kΩ
16 × 775
tS
GATE resistor = 22 kΩ
64 × 775
tS
GATE resistor = 47 kΩ
256 × 775
tS
GATE resistor = 100 kΩ
4 × 775
tS
SS2 Current Source
During startup
20
µA
SS2 Discharging
Current
During a fault condition or soft stop
30
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn