Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD3V3D9B Fiches technique(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

No de pièce ESD3V3D9B
Description  ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YINT [Shanghai Yint Electronic Co., Ltd]
Site Internet  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESD3V3D9B Fiches technique(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  ESD3V3D9B Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESD3V3D9B Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESD3V3D9B Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESD3V3D9B
www.yint.com.cn
Rev:19.3
1
ESD3V3D9B
Description
ESD3V3D9B is designed to protect voltage sensitive
components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time, make
these parts ideal for ESD protection on designs where board
space is at a premium.
Features
150 Watts Peak Pulse Power per Line (tp=8/20µs)
Operating voltage: 3.3V
Low leakage current
Package: SOD-923
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
Functional Diagram
Applications
Cellular Phones
Portable Devices
Digital Cameras
Power Supplies
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
PPP
150
Watts
ESD per IEC 61000−4−2 (Air)
VESD
±
15
KV
ESD per IEC 61000−4−2 (Contact)
±
8
KV
Lead Soldering Temperature
TL
260 (10 sec)
°C
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTJ
-55 to +150
°C


Numéro de pièce similaire - ESD3V3D9B

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Yint Electroni...
ESD3V3D9 YINT-ESD3V3D9 Datasheet
416Kb / 3P
   ESD Protection Diode
More results

Description similaire - ESD3V3D9B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com