Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BT0507H Datasheet(Fiches technique) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

Numéro de pièce BT0507H
Description  Temperature Compensated Crystal Oscillator
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Site Internet  http://www.xtaltq.com/
Logo 

BT0507H Datasheet(HTML) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BT0507H
Temperature Compensated Crystal Oscillator
● Provide Stratum Ⅲ Level Frequency Stability
Min.
Typ.
Max.
3.3
V
5
V
-
15
mA
MHz
MHz
-
±1.0
ppm
±0.28
±2
ppm
VOH
2.4
V
VOL
0.4
V
Duty Cycle
45
55
%
Rise/Fall Edge
6
ns
Load
15
pF
Output Level
0.8
V
Load
Output Level
0
dBm
Harmonics
-30
dBc
Spurious
-60
dBc
Load
Ω
±0.2
±0.2
±0.02
-
±1.0
-95
Offset 10Hz
-120
Offset 100Hz
-138
Offset 1kHz
-145
Offset 10kHz
-150
Offset 100kHz
V
V
±8
-
ppm
10
%
100
● Medical Electronics
BT0507H Specifications
● SMD Package (7.0×5.0mm)
Supply Voltage
CMOS
CMOS Output, Load=15pf
CMOS Output, Load=15pf
( VOH - VOL)/2
CMOS Output, Load=15pf
Supply Current
Frequency Range
1.2~ 200
Nominal Frequency
10, 12.8, 20, 25, 26, 30.72, 40, 50, 100
Initial Frequency Tolerance
At shipment, nominal EFC, +25℃
Freq. Stability Vs. Temp.
-40℃~+85℃
Features
Applications
● Ultra Stable
● Base Stations
● Wide Frequency Range
● Instrumentations
● Low Phase Noise Available
● Synthesizer
● SDH/SONET
Parameter
Value
Unit
Conditions
Load Sensitivity
Load±5%
SSB Phase Noise
@10MHz
dBc/Hz
At +25℃
Clipped Sine
Wave
Vp-p
10KΩ//10pF
Input Impedance
Sine Wave
50
Aging/ First Year
Aging/ Day
Non-linearity
Control Voltage Range
1.65±1.65
Vs=3.3Vdc
2.5 ±2.5
Vs=5.0Vdc
Frequency Turning Range
Tuning Slope
Positive
Supply Sensitivity
ppm
Vcc±5%
1/4
Release Date: Aug.30. 2016


Html Pages

1  2  3  4 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn