Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BO1220L Datasheet(Fiches technique) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

Numéro de pièce BO1220L
Description  Oven Controlled Crystal Oscillator
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Site Internet  http://www.xtaltq.com/
Logo 

BO1220L Datasheet(HTML) 2 Page - Chengdu Xtaltq Technologies Co.,ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BO1220L Series
Oven Controlled Crystal Oscillator
Reliability
Parameter
Condition
Temperature Stress Test
IEC60068, GJB360B
Outline Dimension & Pin Connections
Ordering Guide
Mechanical Stress Test
IEC60068, GJB360B
EMC Test (ESD)
IEC61000, JESD22
Solder Ability
EIA/JESD22-B102-C
Example: BO1220LH5C107DN10
Disclaimer
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
RoHS
RoHS Directive 2011/65/EU Annex II Recasting 2002/95/EC
BO
Product
OCXO
Outline
12mm x 20mm
XX.XX
L X X
X
XXX
1220
Freq. Range:
L:<50MHz
Output:
H: LVTTL
S: Sine Wave
Frequency:
xx MHz
Temp. Range:
C: -20℃~+70℃
G: -40℃~+70℃
I: -40℃~+85℃
U: -55℃~+85℃
Tuning:
N: No Tuning
E: ±500ppb
Stability
107: ±100ppb
508: ±50ppb
208: ±20ppb
Phase Noise
D: -135dBc/Hz@1kHz
E: -140dBc/Hz@1kHz
G: -145dBc/Hz@1kHz
H: -150dBc/Hz@1kHz
X
Supply Voltage:
5: 5.0 Vdc
3: 3.3 Vdc
X
2/2
Release Date: Mar.27. 2016


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn