Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BO1220L Datasheet(Fiches technique) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

Numéro de pièce BO1220L
Description  Oven Controlled Crystal Oscillator
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  XTAITQ [Chengdu Xtaltq Technologies Co.,ltd]
Site Internet  http://www.xtaltq.com/
Logo 

BO1220L Datasheet(HTML) 1 Page - Chengdu Xtaltq Technologies Co.,ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BO1220L Series
Oven Controlled Crystal Oscillator
Min.
Typ.
Max.
3.3
V
5.0
V
3.0
W
1.5
W
MHz
±100
ppb
±20
±50
ppb
±50
±100
ppb
±50
±100
ppb
±200
ppb
Output Level
7
dBm
Harmonious
-30
dBc
Spurious
-70
dBc
Load
50
Ω
VOH
2.4
V
VOL
0.4
V
Duty Cycle
45
55
%
Rise/Fall edge
6
ns
Load
15
pf
±5
±5
±2
±200
-95
Offset 10Hz
-120
Offset 100Hz
-150
Offset 1kHz
-155
Offset 10kHz
-160
Offset 100kHz
0
3
V
0
5
V
±0.5
±2.0
ppm
Features
Applications
● Ultra Stable
● Base Stations
● Wide Temperature Range
● Instrumentations
● Fast Warming-up
● Medical Electronics
● Small Package
● Others
BO1220L Specifications
Parameter
Value
Unit
Conditions
Supply Voltage
Nominal Frequency
10
Power Consumption
During Warming-up
Steady at +25℃ & Still air
Frequency Range
10 ~ 40
Initial Frequency Tolerance
At shipment, nominal EFC, +25℃
Freq. Stability Vs. Temp.
-20℃ ~ +70℃
-40℃ ~ +70℃
-40℃ ~ +85℃
-55℃ ~ +85℃
Sine Wave
5V
LVTTL
LVTTL Output, Load=15pf
LVTTL Output, Load=15pf
( VOH - VOL)/2
LVTTL Output, Load=15pf
3.3V
Control Voltage Range
Frequency Turning Range
Supply Sensitivity
ppb
Vcc±5%
Load Sensitivity
Load±5%
Aging per Day
After 30 days of operation
Aging per Year
After 30 days of operation
SSB Phase Noise
@10MHz
dBc/Hz
At +25℃
Tuning Slope
Positive
Environmental Conditions
Operating Temperature Range
-55℃~+85℃
Storage Temperature Range
-55℃~+125℃
1/2
Release Date: Mar.27. 2016


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn