Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KMB472-311 Datasheet(Fiches technique) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Numéro de pièce KMB472-311
Description  Universal SCR Trigger Transformer
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Site Internet  http://www.yhdc.com
Logo 

KMB472-311 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vout microsecond integral
Pulse width (D=1:2)
Ratio
Input amplitude
Output amplitude
Load impedance
Leading edge time
Main circuit operating voltage
Weight
Universal SCR Trigger Transformer
Model:KMB472-311
characteristics:
It can directly replace foreign similar products.Applicable
for triggering of SCR below 100A or IGBT pulse train.
Technical indicators:
Installation method:PCB
Flame resistance:UL94-V0
Operating temperature:-20℃~+50℃
Storage temperature:-40℃~+85℃
Frequency range:1KHz~10KHz
Dielectric strength:3.5KV 50Hz 1min
Electrical parameters:
Dimensions(in mm):
Connection diagram:
1200
50
3:1:1
24
≥5
20
≤1
440
12
μvs
μs
V
V
Ω
μs
V
g
www.yhdc.com
Email:yhdc@yhdc.com
1
□0.5±0.05
17.5±0.3
7.62±0.3
5.08±0.3
2
3
1
2
3
6
5
4
Front View
Bottom View
1
2
3
4
5
6


Html Pages

1 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn