Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB391A Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CDB391A
Description  24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB391A Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CDB391A Datasheet HTML 2Page - Cirrus Logic CDB391A Datasheet HTML 3Page - Cirrus Logic CDB391A Datasheet HTML 4Page - Cirrus Logic CDB391A Datasheet HTML 5Page - Cirrus Logic CDB391A Datasheet HTML 6Page - Cirrus Logic CDB391A Datasheet HTML 7Page - Cirrus Logic CDB391A Datasheet HTML 8Page - Cirrus Logic CDB391A Datasheet HTML 9Page - Cirrus Logic CDB391A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CS4391A
6
DS600PP3
ANALOG CHARACTERISTICS (Test conditions (unless otherwise specified): Input test signal is a
997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; Test load RL = 5 kΩ, CL = 10 pF)
Parameter
VA = 5 V
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
(Note 1)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
100
103
-
105
108
102
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1,2)
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-94
-85
-45
-89
-
-40
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
-
108
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
Power Supplies
Power Supply Current
normal operation
power-down state
IA + IL
IA + IL
-
-
17
60
35
-
mA
µA
Power Dissipation
normal operation
power-down
-
-
85
0.3
175
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 3)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Differential Output Voltage
1.05VA
1.1VA
1.15VA
Vpp
Common Mode Voltage
CMOUT
-
0.43VA
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
AC-Load Resistance
RL
5-
-
k
Load Capacitance
CL
-
-
100
pF


Numéro de pièce similaire - CDB391A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
   Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB3318 CIRRUS-CDB3318 Datasheet
682Kb / 44P
   8-Channel Analog Volume Control
CDB35L00 CIRRUS-CDB35L00 Datasheet
382Kb / 12P
   2.7 W x 4 CS35L00 Amplifier Demonstration Board
CDB35L00-X4 CIRRUS-CDB35L00-X4 Datasheet
382Kb / 12P
   2.7 W x 4 CS35L00 Amplifier Demonstration Board
More results

Description similaire - CDB391A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com