Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4945-1 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADA4945-1
Description  High Speed Offset Drift Fully Differential ADC Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1 Fiches technique(HTML) 5 Page - Analog Devices

  ADA4945-1 Datasheet HTML 1Page - Analog Devices ADA4945-1 Datasheet HTML 2Page - Analog Devices ADA4945-1 Datasheet HTML 3Page - Analog Devices ADA4945-1 Datasheet HTML 4Page - Analog Devices ADA4945-1 Datasheet HTML 5Page - Analog Devices ADA4945-1 Datasheet HTML 6Page - Analog Devices ADA4945-1 Datasheet HTML 7Page - Analog Devices ADA4945-1 Datasheet HTML 8Page - Analog Devices ADA4945-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 5 of 44
VOCM to Common-Mode Output Voltage (VOUT,cm) Performance
Table 2.
Full Power Mode
Low Power Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
VOCM DYNAMIC
PERFORMANCE
−3 dB Small Signal
Bandwidth
VOUT, cm = 20 mV p-p
35
15
MHz
−3 dB Large Signal
Bandwidth
VOUT, cm = 2 V p-p
3.8
1.3
MHz
Slew Rate
VOUT, cm = 2 V p-p
26
9
V/µs
Input Voltage Noise
f = 100 kHz
35
45
nV/√Hz
Gain
ΔVOUT, cm/ΔVOCM, ΔVOCM = ±1 V
0.99
1
1.01
0.99
1
1.01
V/V
VOCM CHARACTERISTICS
Input Common-Mode
Voltage Range
−VS + 0.4
+VS − 1.4
−VS + 0.4
+VS − 1.4
V
Input Resistance
125
125
kΩ
Offset Voltage
Common mode offset (VOS,cm) =
VOUT,cm − VOCM, positive input (VIP) =
negative input (VIN) = VOCM = 0 V
25°C
±5
±60
±5
±60
mV
TA = 20°C to 85°C
±10
±10
mV
TA = −40°C to +125°C
±20
±20
mV
Input Offset Voltage
Drift
TA = 20°C to 85°C
±5
±5
µV/°C
TA = −40°C to +125°C
±10
±10
µV/°C
Input Bias Current
TA = 25°C
−220
−160
µA
TA = 20°C to 85°C
−300
−205
µA
TA = −40°C to +125°C
−350
−230
µA
Input Bias Current
Drift
TA = 20°C to 85°C
−1.3
−0.75
µA/°C
TA = −40°C to +125°C
−1.5
−1.0
µA/°C
CMRR
ΔVOS,dm/ΔVOCM, ΔVOCM = ±1 V
−130
−130
dB


Numéro de pièce similaire - ADA4945-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADA4945-1 AD-ADA4945-1 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
ADA4945-1 AD-ADA4945-1 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results

Description similaire - ADA4945-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AN-1026 AD-AN-1026 Datasheet
361Kb / 16P
   High Speed Differential ADC Driver Design Considerations
REV. 0
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
   Fully Differential SAR ADC
Rev 0; 9/14
logo
Texas Instruments
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
logo
Texas Instruments
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com