Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9176 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9176 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9176_V01 Datasheet HTML 4Page - Analog Devices AD9176_V01 Datasheet HTML 5Page - Analog Devices AD9176_V01 Datasheet HTML 6Page - Analog Devices AD9176_V01 Datasheet HTML 7Page - Analog Devices AD9176_V01 Datasheet HTML 8Page - Analog Devices AD9176_V01 Datasheet HTML 9Page - Analog Devices AD9176_V01 Datasheet HTML 10Page - Analog Devices AD9176_V01 Datasheet HTML 11Page - Analog Devices AD9176_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 151 page
background image
AD9176
Data Sheet
Rev. A | Page 8 of 151
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Power
Dissipation
1.51
2.34
W
Mode 12 (L = 8, M = 2,
NP = 12, N = 12)
4 GSPS DAC rate, 187.5 MHz PLL reference clock, 1× total interpolation
(1×, 1×), 1 GHz tone at −3 dBFS, channel and main NCOs disabled
AVDD1.0
All supply levels set to nominal values
300
550
mA
All supplies at 5% tolerance
315
620
mA
AVDD1.8
75
100
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
320
630
mA
All supplies at 5% tolerance
350
725
mA
DVDD1.8
35
50
mA
SVDD1.0
All supply levels set to nominal values
525
820
mA
All supplies at 5% tolerance
550
880
mA
Total Power
Dissipation
1.34
2.15
W
DUAL-LINK, MODE 3 (NCO
ONLY, SINGLE-CHANNEL
MODE, NO SERDES)
6 GSPS DAC rate, 300 MHz PLL reference clock, 8× total interpolation (1×, 8×),
no input tone (dc internal level = 0x50FF), channel NCO = 40 MHz, main
NCO = 1.8425 GHz
Mode 3
AVDD1.0
All supply levels set to nominal values
410
660
mA
All supplies at 5% tolerance
435
750
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
500
780
mA
All supplies at 5% tolerance
515
950
mA
DVDD1.8
0.3
1
mA
SVDD1.0
All supply levels set to nominal values
5
100
mA
All supplies at 5% tolerance
3
120
mA
Total Power
Dissipation
1.11
1.671
W
DUAL-LINK, MODE 4 (NCO
ONLY, DUAL-CHANNEL
MODE, NO SERDES)
12 GSPS DAC rate, 500 MHz PLL reference clock, 32× total interpolation
(4×, 8×), no input tone (dc internal level = 0x2AFF), channel NCOs =
±150 MHz, main NCO = 2 GHz
Mode 4
AVDD1.0
All supply levels set to nominal values
750
1030
mA
All supplies at 5% tolerance
790
1130
mA
AVDD1.8
110
130
mA
DVDD1.0
Combined current consumption with the DAVDD1.0 supply
All supply levels set to nominal values
1200
1590
mA
All supplies at 5% tolerance
1300
1750
mA
DVDD1.8
0.3
1
mA
SVDD1.0
5
100
mA
Total Power
Dissipation
2.15
2.851
W


Numéro de pièce similaire - AD9176_V01

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9176-FMC-EBZ AD-AD9176-FMC-EBZ Datasheet
2Mb / 151P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
AD9176BBP-CSH AD-AD9176BBP-CSH Datasheet
2Mb / 28P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
AD9176BBPZ AD-AD9176BBPZ Datasheet
2Mb / 151P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
AD9176BBPZRL AD-AD9176BBPZRL Datasheet
2Mb / 151P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
AD9176S AD-AD9176S Datasheet
2Mb / 28P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
More results

Description similaire - AD9176_V01

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9172 AD-AD9172 Datasheet
2Mb / 144P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
AD9173 AD-AD9173 Datasheet
2Mb / 142P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
AD9176 AD-AD9176 Datasheet
2Mb / 151P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
AD9176S AD-AD9176S Datasheet
2Mb / 28P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9175 AD-AD9175 Datasheet
3Mb / 150P
   Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9082 AD-AD9082 Datasheet
717Kb / 33P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com