Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5770R Fiches technique(PDF) 51 Page - Analog Devices

No de pièce AD5770R
Description  6-Channel, 14-Bit, Current Output DAC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5770R Fiches technique(HTML) 51 Page - Analog Devices

Back Button AD5770R Datasheet HTML 47Page - Analog Devices AD5770R Datasheet HTML 48Page - Analog Devices AD5770R Datasheet HTML 49Page - Analog Devices AD5770R Datasheet HTML 50Page - Analog Devices AD5770R Datasheet HTML 51Page - Analog Devices AD5770R Datasheet HTML 52Page - Analog Devices AD5770R Datasheet HTML 53Page - Analog Devices AD5770R Datasheet HTML 54Page - Analog Devices AD5770R Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
Data Sheet
AD5770R
Rev. 0 | Page 51 of 59
Address: 0x27, Reset: 0x00, Name: CH0_DAC_MSB
Channel 0 DAC Data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] DAC_DATA0[13:6] (R/W )
Table 46. Bit Descriptions for CH0_DAC_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DAC_DATA0[13:6]
Channel 0 DAC data. These bits are the DAC code loaded into the DAC register for IDAC0.
0x0
R/W
Address: 0x28, Reset: 0x00, Name: CH1_DAC_LSB
Channel 1 DAC Data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] DAC_DATA1[5:0] (R/W)
[1:0] RESERVED
Table 47. Bit Descriptions for CH1_DAC_LSB
Bits
Bit Name
Description
Reset
Access
[7:2]
DAC_DATA1[5:0]
Channel 1 DAC data. These bits are the DAC code loaded into the DAC register for IDAC1.
0x0
R/W
[1:0]
Reserved
Reserved.
0x0
R
Address: 0x29, Reset: 0x00, Name: CH1_DAC_MSB
Channel 1 DAC Data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] DAC_DATA1[13:6] (R/W )
Table 48. Bit Descriptions for CH1_DAC_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DAC_DATA1[13:6]
Channel 1 DAC data. These bits are the DAC code loaded into the DAC register for IDAC1.
0x0
R/W
Address: 0x2A, Reset: 0x00, Name: CH2_DAC_LSB
Channel 2 DAC Data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] DAC_DATA2[5:0] (R/W)
[1:0] RESERVED
Table 49. Bit Descriptions for CH2_DAC_LSB
Bits
Bit Name
Description
Reset
Access
[7:2]
DAC_DATA2[5:0]
Channel 2 DAC Data. These bits are the DAC code loaded into the DAC register for IDAC2.
0x0
R/W
[1:0]
Reserved
Reserved.
0x0
R
Address: 0x2B, Reset: 0x00, Name: CH2_DAC_MSB
Channel 2 DAC Data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] DAC_DATA2[13:6] (R/W )
Table 50. Bit Descriptions for CH2_DAC_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DAC_DATA2[13:6]
Channel 2 DAC data. These bits are the DAC code loaded into the DAC register for IDAC2.
0x0
R/W


Numéro de pièce similaire - AD5770R

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Microchip Technology
AD57 MICROCHIP-AD57 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Analog Devices
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
AD570 AD-AD570 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD5700 AD-AD5700 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
More results

Description similaire - AD5770R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
Analog Devices
AD5413 AD-AD5413 Datasheet
1Mb / 49P
   Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
Rev. 0
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
   9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com