Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4110-1 Fiches technique(PDF) 70 Page - Analog Devices

No de pièce AD4110-1
Description  Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4110-1 Fiches technique(HTML) 70 Page - Analog Devices

Back Button AD4110-1 Datasheet HTML 66Page - Analog Devices AD4110-1 Datasheet HTML 67Page - Analog Devices AD4110-1 Datasheet HTML 68Page - Analog Devices AD4110-1 Datasheet HTML 69Page - Analog Devices AD4110-1 Datasheet HTML 70Page - Analog Devices AD4110-1 Datasheet HTML 71Page - Analog Devices AD4110-1 Datasheet HTML 72Page - Analog Devices AD4110-1 Datasheet HTML 73Page - Analog Devices AD4110-1 Datasheet HTML 74Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
AD4110-1
Data Sheet
Rev. 0 | Page 70 of 74
Bits
Bit Name
Settings
Description
Reset
Access
[9:8]
AIN_BUFF
Analog input buffer configuration.
0x3
RW
00
Disable input buffer.
01
Enable negative input buffer only.
10
Enable positive input buffer only.
11
Full buffer enabled.
7
Reserved
Reserved.
0x0
R
6
BIT_6
Set this bit to 1.
0x1
RW
[5:4]
REF_SEL
Reference source select. If the internal voltage reference is selected, the
REF_EN bit (Bit 15) in the ADC_MODE register (Address 0x1) must also be set.
0x0
RW
00
External voltage reference connected to REFIN(+)/REFIN(−) pins.
01
Reserved.
10
Internal 2.5 V reference.
11
AVDD5 and AGND.
3
CHAN_EN_3
Enable Channel 3 (low voltage channel): AIN2(LV) − AINCOM(LV).
0x0
RW
0
Disabled.
1
Enabled.
2
CHAN_EN_2
Enable Channel 2 (low voltage channel): AIN1(LV) − AINCOM(LV).
0x0
RW
0
Disabled.
1
Enabled.
1
CHAN_EN_1
Enable Channel 1 (low voltage channel): AIN1(LV) − AIN2(LV).
0x0
RW
0
Disabled.
1
Enabled.
0
CHAN_EN_0
Enable Channel 0 (high voltage channel): AIN(+) − AIN(−). Channel 0 is enabled
automatically when Bits[3:0] = 00.
0x0
RW
0
Disabled.
1
Enabled.
Data Register
Address: 0x4, Reset: 0x000000, Name: Data
The read-only data register contains the ADC conversion result. Reading the data register takes the RDY bit and the DOUT/RDY pin
high. The ADC result can be read multiple times. However, after the RDY bit and the DOUT/RDY pin are brought high, it is not possible
to determine whether another ADC result is imminent. The ADC does not write a new result to the data register if the data register is
currently being read.
Table 42. Bit Descriptions for the Data Register
Bits
Bit Name
Settings
Description
Reset
Access
[23:0]
Data
ADC conversion result. If the DATA_STAT bit is set in the ADC_INTERFACE
register, the contents of the ADC_STATUS register are appended to this
register when it is read, making this a 32-bit register. If the WL16 bit is set in
the ADC_INTERFACE register, this register is rounded to 16 bits.
0x0
R


Numéro de pièce similaire - AD4110-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4111 AD-AD4111 Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4111BCPZ AD-AD4111BCPZ Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4111BCPZ-RL7 AD-AD4111BCPZ-RL7 Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4112 AD-AD4112 Datasheet
1,009Kb / 58P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4112BCPZ AD-AD4112BCPZ Datasheet
1,009Kb / 58P
   Single Supply, 24-Bit, Sigma-Delta ADC
More results

Description similaire - AD4110-1

FabricantNo de pièceFiches techniqueDescription
logo
National Instruments Co...
NI9219 NI-NI9219 Datasheet
212Kb / 9P
   24-Bit Universal Analog Input
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
Powerbox
EN1C21 POWERBOX-EN1C21 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
Analog Devices
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com