Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4110-1 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD4110-1
Description  Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4110-1 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD4110-1 Datasheet HTML 2Page - Analog Devices AD4110-1 Datasheet HTML 3Page - Analog Devices AD4110-1 Datasheet HTML 4Page - Analog Devices AD4110-1 Datasheet HTML 5Page - Analog Devices AD4110-1 Datasheet HTML 6Page - Analog Devices AD4110-1 Datasheet HTML 7Page - Analog Devices AD4110-1 Datasheet HTML 8Page - Analog Devices AD4110-1 Datasheet HTML 9Page - Analog Devices AD4110-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
AD4110-1
Data Sheet
Rev. 0 | Page 6 of 74
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RTD EXCITATION CURRENTS14
External reference voltage (VREF) =
2.5 V ± 0%
Current Outputs
0.1 to 1
mA
Programmable (see Table 30)
Initial Error, Internal Reference
Resistor
−0.3
+0.3
%
Current ≥ 400 µA, TA = 25°C
−1
+1
%
Current = 100 µA, TA = 25°C
Initial Drift
130
ppm
See Figure 44 and Figure 45
Drift vs. Temperature2
−45
+45
ppm/°C
Internal reference resistor (including
reference resistor drift)
−18
+18
ppm/°C
External reference resistor (excluding
reference resistor drift)
Drift vs. Time5, 15
150
ppm
Internal resistor, over 1000 hours
150
ppm
External resistor, over 1000 hours
Load Regulation2
0.01
%/V
Line Regulation2
4
ppm/V
Related to VSS and VDD
Noise2
See Table 22 and Table 23
TA = 25°C
Current Matching15
0.05
%
AIN(+) and AIN(−) pins, excludes
100 µA
Current Matching Drift
0.0002
%/°C
AIN(+) and AIN(−) pins, excludes
100 µA
Compliance
VDD − 5
V
REFERENCE VOLTAGE (INPUT)
Reference Voltage Input, VREF2, 14
1
2.5
AVDD5 – 1.6
V
REFIN(+) − REFIN(−) = VREF
RTD mode disabled
2.45
2.5
2.55
V
RTD mode enabled
VREF Input Current
200
nA
VREF+ reference buffer on
100
µA
VREF− reference buffer on
36
µA/V
VREF+ reference buffer off
75
µA/V
VREF− reference buffer off
VREF Input Current Drift
1.3
nA/°C
VREF+ reference buffer on
−3.5
nA/°C
VREF− reference buffer on
10
nA/V/°C
VREF+ reference buffer off
10
nA/V/°C
VREF− reference buffer off
Absolute REFIN Voltage Limits
AGND − 0.05
AVDD5 + 0.05
V
AGND
AVDD5
V
Reference buffer on
Common-Mode Rejection
95
dB
REFERENCE VOLTAGE (OUTPUT)
Output Voltage
2.5
V
REFOUT pin
Initial Accuracy2
−0.16
+0.16
V
TA = 25°C
Temperature Coefficient2
10
50
ppm/°C
Long Term Stability5
600
ppm
Over 1000 hours
Reference Load Current, ILOAD
10
mA
Power Supply Rejection
93
dB
Load Regulation
75
µV/mA
VBIAS
Voltage
AGND
V
Output Current Limit
±50
µA
Source or sink, depending on the
AIN(−) pin potential referenced to
AGND
OPEN WIRE DETECTION CURRENTS
Current Output
±0.71
±1
±1.45
µA
±100
µA
Compliance
VSS + 2
VDD − 2
V


Numéro de pièce similaire - AD4110-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4111 AD-AD4111 Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4111BCPZ AD-AD4111BCPZ Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4111BCPZ-RL7 AD-AD4111BCPZ-RL7 Datasheet
1Mb / 59P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4112 AD-AD4112 Datasheet
1,009Kb / 58P
   Single Supply, 24-Bit, Sigma-Delta ADC
AD4112BCPZ AD-AD4112BCPZ Datasheet
1,009Kb / 58P
   Single Supply, 24-Bit, Sigma-Delta ADC
More results

Description similaire - AD4110-1

FabricantNo de pièceFiches techniqueDescription
logo
National Instruments Co...
NI9219 NI-NI9219 Datasheet
212Kb / 9P
   24-Bit Universal Analog Input
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
Powerbox
EN1C21 POWERBOX-EN1C21 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
Analog Devices
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com