Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


U050-010 Datasheet(Fiches technique) 1 Page - Tripp Lite. All Rights Reserved

Numéro de pièce U050-010
Description  USB 2.0 A to Micro-B Cable (M/M), 10-ft.
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo 

   
 1 page
background image
Specifications
USB 2.0 A to Micro-B Cable (M/M), 10-ft.
MODEL NUMBER: U050-010
Description
Micro-USB is the next generation of USB connector that will be found on Cell Phones, PDA's, USB On-
the-Go ( OTG ) devices, Digital Cameras, and more. Smaller and more durable ( 10,000 insertion cycles )
than the existing mini-B connectors, the Micro-USB will also handle Power transfers, as well as Data. The
USB Implementers Forum ( USB-IF ) has designed the Micro-USB to eliminate many of the proprietary
Mini connectors found on different manufacturers digital devices, and it will be the standard USB
connection on phones from the major cell phone manufacturers. USB 2.0 rated cable handles 480Mbps
data transfer rates.
Features
USB A Male to Micro-B Male
q
Available in 3ft,6ft, and 10ft lengths
q
480Mbps USB 2.0 Data Transfer Rates
q
Data and Power transference
q
Highlights
Next Generation USB Digital
Device Connector
q
Provides both Data and Power
transfers
q
USB 2.0 480Mbps Transfer
rates
q
Standard "A" Male to Micro-B
Male
q
System Requirements
Digital devices that use the USB
Micro-B Female socket
q
Package Includes
10 ft. USB 2.0 A-Male to Micro-
B Male
q
OVERVIEW
UPC Code
037332160508
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.1
PHYSICAL
Shipping Dimensions (hwd / in.)
9.00 x 7.00 x 0.50
1 / 2




Html Pages

1  2 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl