Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB62733FTG Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TB62733FTG
Description  Charge Pump type DC/DC Converter for White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62733FTG Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TB62733FTG Datasheet HTML 1Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 2Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 3Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 4Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 5Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 6Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 7Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 8Page - Toshiba Semiconductor TB62733FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TOSHIBA
TB62733FTG
This datasheet is tentative, the values and contents are subject to change without any notice.
27-Jul-04 (Rev1.7) TB62733FTG (Page. 3)
Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Power Supply
Vin
0.3~6.0
V
Input Voltage
Vin2
FB/CE/SP Terminal
0.3~Vin+0.3
V
Output Current
Iout
250
mA
Power Dissipation
PD
Without PCB
With PCB
357
TBD
mW
Operating Temperature
TOPR
25~85
Storage Temperature
TSTG
55~150
Junction Temperature
Tj
150
When the ambient temperature is excess 25 degree C, it should be derating with 1.24mW/degree C.
Recommended Operating Conditions(Topr = -25 – 85 Degree C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power Supply
Vin
2.8
5.5
V
Logic Input Voltage
VCE
0
Vin
V
Input Ripple Voltage
Vin(ripple)
40
mVpp
Capacitance for Charge Pump
C1/2
0.8
1.0
4.0
μ
F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn