Moteur de recherche de fiches techniques de composants électroniques |
|
GRM1552C1E6R8BA01J Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GRM1552C1E6R8BA01J Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 30 page Chip Multilayer Ceramic Capacitors for General Purpose GRM1552C1E6R8BA01_(0402,CH(JIS),6.8pF,DC 25 V) _:Packaging Code Reference Sheet ■ Scope This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment. ■ MURATA Part No. System ■ Type ■ Rated Value (1)Size Code : 0402 (3)Temperature Characteristics :2C(Public STD Code :CH(JIS)) ■ Package Product specifications in this catalog are as of Nov.24,2017,and are subject to change or obsolescence without notice. Please consult the approval sheet before ordering. Please read rating and !Cautions first. g Temp. coeff or Cap. Change (4)Rated Voltage (3)Temperature Characteristics Ref.Temp. Temp. Range Mounting Method Reflow 20 to 125 ℃ 6.8pF +/-0.1 pF -55 to 125 ℃ Operating Temp. Range (5)Nominal Capacitance (6)Capacitance Tolerance 20 ℃ (Ex.) 1.0 +/-0.05 0.5 +/-0.05 0.5 +/-0.05 D (8)Code Packaging Unit MURATA PART NO. Packaging GRM1552C1E6R8BA01_ (1)-1 L (1)-2 W (2) T e 0.15 to 0.35 Dimensions(mm) 0.3 min. W 10000 pcs./Reel 20000 pcs./Reel φ180mm Reel PAPER Tape W8P2 φ180mm Reel PAPER Tape W8P1 J φ330mm Reel PAPER Tape W8P2 50000 pcs./Reel 0+/-60 ppm/℃ DC 25 V (1)L/W Dimensions (2)T Dimensions (3)Temperature Characteristics (4)Rated Voltage (5)Nominal Capacitance (6)Capacitance Tolerance (8)Packaging Code (7) Murata’s Control Code GRM 15 5 2C 1E 6R8 B A01 D GRM1552C1E6R8BA01-01A |
Numéro de pièce similaire - GRM1552C1E6R8BA01J |
|
Description similaire - GRM1552C1E6R8BA01J |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |