Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GRM1552C1E5R9WA01 Datasheet(Fiches technique) 3 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce GRM1552C1E5R9WA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

GRM1552C1E5R9WA01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
No.
9
Adhesive Strength of
No removal of the terminations or other defect should occur.
Solder the capacitor on the test substrate shown in Fig.3.
Termination
Applied Force :
5N
Holding Time :
10+/-1s
Applied Direction :
In parallel with the test substrate and vertical with the capacitor side
10 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Kind of Vibration :
A simple harmonic motion 10Hz to 55Hz to 10Hz
Capacitance Within the specified initial value.
Vibration Time :
1min
Total Amplitude :
1.5mm
Q or D.F.
Within the specified initial value.
This motion should be applied for a period of 2hours in each 3 mutually perpendicular directions(total of 6hours).
11 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.1.
Bending Test
Pressurization Method :
Shown in Fig.2.
Capacitance Within +/-5% or +/-0.5pF (Whichever is larger)
Flexure :
1mm
Change
Holding Time :
5+/-1s
Soldering Method :
Reflow soldering
12 Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method :
Solder bath method
Flux :
Solution of rosin ethanol 25(mass)%
Preheat :
80℃ to 120℃、10s to 30s
Solder :
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Test Temp. :
245+/-5℃
Test Time :
2+/-0.5s
13 Resistance
Appearance
No defects or abnormalities.
Test Method :
Solder bath method
to Soldering
Solder :
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Heat
Capacitance Within +/-2.5% or +/-0.25pF (Whichever is larger)
Solder Temp. :
270+/-5℃
Change
Test Time :
10+/-0.5s
Q or D.F.
Within the specified initial value.
Preheat Temp. :
120℃ to 150℃
Preheat Time :
1min
I.R.
Within the specified initial value.
Voltage
No defects.
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Proof
14 Temperature
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Sudden
Cycles
:
5 cycles
Change
Capacitance Within +/-2.5% or +/-0.25pF (Whichever is larger)
Change
Q or D.F.
Within the specified initial value.
I.R.
Within the specified initial value.
Voltage
No defects.
Proof
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Item
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1552C1E5R9WA01-01A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn