Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GRM1552C1E5R9WA01 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM1552C1E5R9WA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E5R9WA01 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM1552C1E5R9WA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9WA01_(0402,CH(JIS),5.9pF,DC 25 V)
_:Packaging Code
Reference Sheet
■ Scope
This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
■ MURATA Part No. System
■ Type
■ Rated Value
(1)Size Code :
0402
(3)Temperature Characteristics :2C(Public STD Code :CH(JIS))
■ Package
Product specifications in this catalog are as of Nov.23,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
g
Temp. coeff
or Cap. Change
(4)Rated
Voltage
(3)Temperature Characteristics
Ref.Temp.
Temp. Range
Mounting
Method
Reflow
20 to 125 ℃
5.9pF
+/-0.05 pF
-55 to 125 ℃
Operating
Temp. Range
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
20 ℃
(Ex.)
1.0
+/-0.05
0.5
+/-0.05
0.5
+/-0.05
D
(8)Code
Packaging Unit
MURATA PART NO.
Packaging
GRM1552C1E5R9WA01_
(1)-1 L
(1)-2 W
(2) T
e
0.15
to 0.35
Dimensions(mm)
0.3 min.
W
10000 pcs./Reel
20000 pcs./Reel
φ180mm Reel
PAPER Tape W8P2
φ180mm Reel
PAPER Tape W8P1
J
φ330mm Reel
PAPER Tape W8P2
50000 pcs./Reel
0+/-60 ppm/℃
DC 25 V
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)
Murata’s
Control Code
GRM
15
5
2C
1E
5R9
W
A01
D
GRM1552C1E5R9WA01-01A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn