Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GRM1552C1E5R9WA01 Datasheet(Fiches technique) 6 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce GRM1552C1E5R9WA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

GRM1552C1E5R9WA01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
■ Package
Tape Carrier Packaging
1.
Minimum Quantity (pcs./reel)
5
2. Dimensions of Tape (in mm)
(1)GRM155(W8P2 Code:D/J)
5
(2)GRM155(W8P1 Code:W)
5
J
F
-
0.65(Typ.)
G
GRM15
Code:J
50000(W8P2)
Series
Code:D
10000(W8P2)
Code:W
20000(W8P1)
φ180mm Reel
PAPER Tape
φ180mm Reel
PAPER Tape
F
G
H
2.0+/-0.05
2.0+/-0.05
φ1.5+0.1/-0
C
B
D
E
J
4.0+/-0.1
1.75+/-0.1
Series
Dimensions(Chip)
1.15(Typ.)
T
C
D
GRM15
H
φ330mm Reel
PAPER Tape
A
B
8.0+/-0.3
3.5+/-0.05
A
0.5+/-0.05
Dimensions(Chip)
L
W
L
W
T
E
1.15(Typ.)
0.5+/-0.05
1.0+/-0.05
Series
M
L
K
K
L
M
-
1.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
0.05 max.
-
0.8 max.
0.8 max.
0.5+/-0.05
0.5+/-0.05
0.65(Typ.)
3.5+/-0.05
1.75+/-0.1
1.0+/-0.05
8.0+/-0.3
1.0+/-0.05
GRM15
A
0.15~0.4
B
J
H
M
F
G
C
D
E
K
A
B
J
H
F
G
C
D
E
K
 
GRM1552C1E5R9WA01-01A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn