Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GRM1552C1E5R9WA01 Datasheet(Fiches technique) 4 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce GRM1552C1E5R9WA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E5R9WA01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM1552C1E5R9WA01 Datenblatt HTML 1Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 2Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 3Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 5Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 6Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 7Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 8Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9WA01 Datenblatt HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
No.
15 High
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Temperature
Test Temperature :
40+/-2℃
High Humidity
Capacitance Within +/-7.5% or +/-0.75pF (Whichever is larger)
Test Humidity :
90%RH to 95%RH
(Steady)
Change
Test Time :
500+/-12h
Q or D.F.
Q≧100+10C/3 C:Nominal Capacitance(pF)
Test Voltage :
Rated Voltage
Charge/Discharge Current : 50mA max.
I.R.
More than 500MΩ or 25Ω・F (Whichever is smaller)
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
16 Durability
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Test Temperature :
Maximum Operating Temperature+/-3℃
Capacitance Within +/-3% or +/-0.3pF (Whichever is larger)
Test Time :
1000+/-12h
Change
Test Voltage :
200% of the rated voltage
Q or D.F.
Q≧200+10C C:Nominal Capacitance(pF)
Charge/Discharge Current : 50mA max.
I.R.
More than 1000MΩ or 50Ω・F (Whichever is smaller)
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Item
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Table A Capacitance Change between at Reference Temp. and at each Temp. (%)
Char.
2C
0.82
-0.45
0.49
-0.27
0.33
Max.
Min.
Max.
Min.
Max.
-0.18
Min.
-55℃
-25℃
-10℃
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1552C1E5R9WA01-01A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn