Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

6033870 Datasheet(Fiches technique) 3 Page - SICK AG

Numéro de pièce 6033870
Description  Connecting cables
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo 

6033870 Datasheet(HTML) 3 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DOL-0804-W05MCS01
Ambient operating temperature
Flexible use –25 °C ... +80 °C
Stationary position –40 °C ... +80 °C
Head –25 °C ... +90 °C
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
ECl@ss 8.1
27060304
ECl@ss 9.0
27060304
ETIM 5.0
EC000830
ETIM 6.0
EC000830
UNSPSC 16.0901
26121604
Dimensional drawing (Dimensions in mm (inch))
1/brn
3/blu
2/wht
4/blk
19.7
(0.78)
Ø 7.5 (0
.3)
2019-01-29 21:21:18 | Online data sheet
Subject to change without notice
| SICK
3


Html Pages

1  2  3  4 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn