Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DOL-0803-W02MCS02 Datasheet(Fiches technique) 2 Page - SICK AG

Numéro de pièce DOL-0803-W02MCS02
Description  Connecting cables
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo 

DOL-0803-W02MCS02 Datasheet(HTML) 2 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOL-0803-W02MCS02
Ordering information
Type
Part no.
DOL-0803-W02MCS02
6033866
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M8, 3-pin, angled
Connection type head B
Flying leads
Connection type
Flying leads
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Tightening torque
0.2 Nm
Cable
2 m, 3-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
3.8 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Bending cycles
≥ 4,000,000
Reference voltage
≤ 60 V
Current loading
4 A
Traversing speed
Max. 3 m/s
Travelling distance
10 m
Acceleration
≤ 10 m/s²
Application
Zones with oils and lubricants
Drag chain operation
Authorizations
UL
UL File No.
CYJV.E335179
Enclosure rating
IP65/ IP67/ IP68
Ambient operating temperature
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice


Html Pages

1  2  3  4 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn