Moteur de recherche de fiches techniques de composants électroniques |
|
GRM1552C1E5R9BA01J Fiches technique(PDF) 19 Page - Murata Manufacturing Co., Ltd. |
|
GRM1552C1E5R9BA01J Fiches technique(HTML) 19 Page - Murata Manufacturing Co., Ltd. |
19 / 30 page 7.Printed Circuit Board Cropping 1. After mounting a capacitor on a printed circuit board, do not apply any stress to the capacitor that caused bending or twisting the board. 1-1. In cropping the board, the stress as shown may cause the capacitor to crack. Cracked capacitors may cause deterioration of the insulation resistance, and result in a short. Avoid this type of stress to a capacitor. [Bending] [Twisting] 2. Check the cropping method for the printed circuit board in advance. 2-1. Printed circuit board cropping shall be carried out by using a jig or an apparatus (Disc separator, router type separator, etc.) to prevent the mechanical stress that can occur to the board. * When a board separation jig or disc separator is used, if the following precautions are not observed, a large board deflection stress will occur and the capacitors may crack. Use router type separator if at all possible. (1) Example of a suitable jig [In the case of Single-side Mounting] An outline of the board separation jig is shown as follows. Recommended example: Stress on the component mounting position can be minimized by holding the portion close to the jig, and bend in the direction towards the side where the capacitors are mounted. Not recommended example: The risk of cracks occurring in the capacitors increases due to large stress being applied to the component mounting position, if the portion away from the jig is held and bent in thedirection opposite the side where the capacitors are mounted. [Outline of jig] [Hand Separation] [In the case of Double-sided Mounting] Since components are mounted on both sides of the board, the risk of cracks occurring can not be avoided with the above method. Therefore, implement the following measures to prevent stress from being applied to the components. (Measures) (1) Consider introducing a router type separator. If it is difficult to introduce a router type separator, implement the following measures. (Refer to item 1. Mounting Position) (2) Mount the components parallel to the board separation surface. (3) When mounting components near the board separation point, add slits in the separation position near the component. (4) Keep the mounting position of the components away from the board separation point. Notes Hand and nipper separation apply a high level of stress. Use another method. · Board handling · Board bending direction · Layout of capacitors · Board handling · Layout of slits · Design of V groove · Arrangement of blades · Controlling blade life Board handling Recommended Not recommended Level of stress on board High Medium Medium Low Recommended × △* △* ◯ Board Separation Method Hand Separation Nipper Separation 1) Board Separation Jig Board Separation Apparatus 2) Disc Separator 3) Router Type Separator Board Cropping Jig V-groove Printed Circuit Board Printed circuit board Components Load point Direction of load Printed circuit board Component s Load point Direction of load ① 1A GRM1552C1E5R9BA01-01A |
Numéro de pièce similaire - GRM1552C1E5R9BA01J |
|
Description similaire - GRM1552C1E5R9BA01J |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |