Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM1552C1E5R9BA01J Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM1552C1E5R9BA01J
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E5R9BA01J Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM1552C1E5R9BA01J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R9BA01J Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9BA01_(0402,CH(JIS),5.9pF,DC 25 V)
_:Packaging Code
Reference Sheet
■ Scope
This product specification is applied to Chip Multilayer Ceramic Capacitors used for General Electronic equipment.
■ MURATA Part No. System
■ Type
■ Rated Value
(1)Size Code :
0402
(3)Temperature Characteristics :2C(Public STD Code :CH(JIS))
■ Package
Product specifications in this catalog are as of Nov.24,2017,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
g
Temp. coeff
or Cap. Change
(4)Rated
Voltage
(3)Temperature Characteristics
Ref.Temp.
Temp. Range
Mounting
Method
Reflow
20 to 125 ℃
5.9pF
+/-0.1 pF
-55 to 125 ℃
Operating
Temp. Range
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
20 ℃
(Ex.)
1.0
+/-0.05
0.5
+/-0.05
0.5
+/-0.05
D
(8)Code
Packaging Unit
MURATA PART NO.
Packaging
GRM1552C1E5R9BA01_
(1)-1 L
(1)-2 W
(2) T
e
0.15
to 0.35
Dimensions(mm)
0.3 min.
W
10000 pcs./Reel
20000 pcs./Reel
φ180mm Reel
PAPER Tape W8P2
φ180mm Reel
PAPER Tape W8P1
J
φ330mm Reel
PAPER Tape W8P2
50000 pcs./Reel
0+/-60 ppm/℃
DC 25 V
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)
Murata’s
Control Code
GRM
15
5
2C
1E
5R9
B
A01
D
GRM1552C1E5R9BA01-01A


Numéro de pièce similaire - GRM1552C1E5R9BA01J

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM1552C1E5R9CA01 MURATA-GRM1552C1E5R9CA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9CA01D MURATA-GRM1552C1E5R9CA01D Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9CA01J MURATA-GRM1552C1E5R9CA01J Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9CA01W MURATA-GRM1552C1E5R9CA01W Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R9DA01 MURATA-GRM1552C1E5R9DA01 Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Description similaire - GRM1552C1E5R9BA01J

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com