Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM1552C1E5R8WA01W Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM1552C1E5R8WA01W
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E5R8WA01W Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM1552C1E5R8WA01W Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8WA01W Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
■ Specifications and Test Methods
No.
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Shown in Rated value.
Using Measuring instrument of dimension.
4
Voltage Proof
No defects or abnormalities.
Measurement Point :
Between the terminations
Test Voltage :
300% of the rated voltage
Applied Time :
1s to 5s
Charge/Discharge Current : 50mA max.
5
Insulation Resistance(I.R.)
More than 10000MΩ
Measurement Temperature:Room Temperature
Measurement Point :
Between the terminations
Measurement Voltage :
Rated Voltage
Charging Time :
2min
Charge/Discharge Current : 50mA max.
6
Capacitance
Shown in Rated value.
Measurement Temperature:Room Temperature
Measurement Frequency : 1.0+/-0.1MHz
Measurement Voltage :
0.5 to 5.0Vrms
7
Q or Dissipation Factor (D.F.)
Q≧400+20C C:Nominal Capacitance(pF)
Measurement Temperature : Room Temperature
Measurement Frequency : 1.0+/-0.1MHz
Measurement Voltage :
0.5 to 5.0Vrms
8
Capacitance
No bias
Nominal value of the temperature coefficient is shown in Rated value.
The capacitance change should be measured after 5 minutes at each specified temperature stage.
Temperature
Characteristics
Capacitance Drift:Within +/-0.2% or +/-0.05pF (Whichever is larger)
Measurement Voltage :
Less than 1.0Vrms (Refer to the individual data sheet)
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Item
Capacitance value as a reference is the value in "
*" marked step.
But, the Capacitance Change under Reference Temperature is shown in
Table A.
The capacitance drift is calculated by dividing the differences between the maximum and minimum measured values in the step 1,3 and 5 by the capacitance
value in step 3.
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1552C1E5R8WA01-01A


Numéro de pièce similaire - GRM1552C1E5R8WA01W

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM1552C1E5R8BA01 MURATA-GRM1552C1E5R8BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01D MURATA-GRM1552C1E5R8BA01D Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01J MURATA-GRM1552C1E5R8BA01J Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01W MURATA-GRM1552C1E5R8BA01W Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8CA01 MURATA-GRM1552C1E5R8CA01 Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Description similaire - GRM1552C1E5R8WA01W

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com