Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM1552C1E5R8DA01 Fiches technique(PDF) 16 Page - Murata Manufacturing Co., Ltd.

No de pièce GRM1552C1E5R8DA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1552C1E5R8DA01 Fiches technique(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button GRM1552C1E5R8DA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GRM1552C1E5R8DA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
4-2.Flow Soldering
1. Do not apply flow soldering to chips not listed in Table 2.
[Standard Conditions for Flow Soldering]
Table 2
Series
GRM
2. When sudden heat is applied to the components, the mechanical strength of the components will
decrease because a sudden temperature change causes deformation inside the components.
In order to prevent mechanical damage to the components, preheating is required for both of the
components and the PCB.
Preheating conditions are shown in table 2.
It is required to keep the temperature differential between the solder and the components surface
[Allowable Flow Soldering Temperature and Time]
(ΔT) as low as possible.
3. Excessively long soldering time or high soldering temperature can result in leaching of the
terminations, causing poor adhesion or a reduction in capacitance value due to loss of contact
between the inner electrodes and terminations.
4. When components are immersed in solvent after mounting, be sure to maintain the temperature
differential (ΔT) between the component and solvent within the range shown in the table 2.
Recommended Conditions
In the case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Lead Free Solder: Sn-3.0Ag-0.5Cu
5. Optimum Solder Amount for Flow Soldering
5-1. The top of the solder fillet should be lower than the thickness of the components.
If the solder amount is excessive, the risk of cracking is higher during board
bending or any other stressful condition.
Soldering Peak Temperature
250 to 260℃
Atmosphere
Air or N2
Chip Dimension(L/W) Code
Temperature Differential
18/21/31
ΔT≦150℃
Lead Free Solder
Preheating Peak Temperature
100 to 120℃
Soldering Time(s)
280
270
260
250
240
230
220
0
10
20
40
30
Temperature(℃)
Soldering
Peak
Temperature
Preheating
Peak
Temperature
30 to 90 s
Preheating
5 s max.
Time
Gradual
Cooling
Soldering
ΔT
Up to Chip Thickness
Adhesive
in section
GRM1552C1E5R8DA01-01A


Numéro de pièce similaire - GRM1552C1E5R8DA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM1552C1E5R8BA01 MURATA-GRM1552C1E5R8BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01D MURATA-GRM1552C1E5R8BA01D Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01J MURATA-GRM1552C1E5R8BA01J Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8BA01W MURATA-GRM1552C1E5R8BA01W Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1552C1E5R8CA01 MURATA-GRM1552C1E5R8CA01 Datasheet
787Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Description similaire - GRM1552C1E5R8DA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com