Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GRM1552C1E5R8DA01 Datasheet(Fiches technique) 15 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce GRM1552C1E5R8DA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Télécharger  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

GRM1552C1E5R8DA01 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
4-1.Reflow Soldering
1. When sudden heat is applied to the components, the mechanical strength of the components will
[Standard Conditions for Reflow Soldering]
decrease because a sudden temperature change causes deformation inside the components.
In order to prevent mechanical damage to the components, preheating is required for both the
components and the PCB.
Preheating conditions are shown in table 1.
It is required to keep the temperature differential between the solder and the components
surface (ΔT) as small as possible.
2. When components are immersed in solvent after mounting, be sure to maintain the temperature
difference (ΔT) between the component and the solvent within the range shown in the table 1.
Table 1
Series
GRM
[Allowable Reflow Soldering Temperature and Time]
GRM
Recommended Conditions
In the case of repeated soldering, the accumulated
Lead Free Solder: Sn-3.0Ag-0.5Cu
soldering time must be within the range shown above.
3. When a capacitor is mounted at a temperature lower than the peak reflow temperature recommended by the solder manufacturer, the following quality problems can occur.
Consider factors such as the placement of peripheral components and the reflow temperature setting to prevent the capacitor’s reflow temperature from dropping below the peak temperature specified.
Be sure to evaluate the mounting situation beforehand and verify that none of the following problems occur.
・Drop in solder wettability
・Solder voids
・Possible occurrence of whiskering
・Drop in bonding strength
・Drop in self-alignment properties
・Possible occurrence of tombstones and/or shifting on the land patterns of the circuit board
4. Optimum Solder Amount for Reflow Soldering
 4-1. Overly thick application of solder paste results in a excessive solder fillet height.
This makes the chip more susceptible to mechanical and thermal stress on the board and may cause the chips to crack.
4-2. Too little solder paste results in a lack of adhesive strength on the termination, which may result in chips breaking loose from the PCB.
4-3. Please confirm that solder has been applied smoothly to the termination.
Make sure not to impose any abnormal mechanical shocks to the PCB.
Lead Free Solder
Peak Temperature
240 to 260℃
Atmosphere
Air or N2
Inverting the PCB
Chip Dimension(L/W) Code
Temperature Differential
01/02/MD/03/15/
18/JN/21/31
ΔT≦190℃
32/43/55
ΔT≦130℃
Temperature(℃)
Peak Temperature
Soldering
Gradual
Cooling
Preheating
ΔT
60 to 120 s
30 to 60 s
Time
190℃
170℃
150℃
220℃
Soldering Time(s)
280
270
260
250
240
230
220
0
30
60
120
90
GRM1552C1E5R8DA01-01A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn