Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MBR2X050A045 Datasheet(Fiches technique) 1 Page - GeneSiC Semiconductor, Inc.

Numéro de pièce MBR2X050A045
Description  Schottky Rectifier Module
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo 

MBR2X050A045 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V
Module Type 100 A
IF(AV) = 100 A
Features
• High Surge Capability
• Type 45 V V
RRM
• Isolation Type Package
SOT-227 Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
Value
Unit
Maximum recurrent peak reverse voltage
VRRM
45
V
Maximum DC blocking voltage
VDC
45
V
Maximum RMS Voltage
VRMS
32
V
Operating temperature
Tj
-40 to 150
°C
Storage temperature
Tstg
-40 to 150
°C
Parameter
Symbol
Value
Unit
Average forward current
(per pkg)
IF(AV)
100
A
Peak forward surge current
(per leg)
IFSM
750
A
0.70
V
0.62
V
1
mA
10
mA
30
mA
Isolation voltage
ViSO
2500
V
Thermal characteristics
* Pulse Test: Pulse width 300 µs, Duty < 2 %
Schottky Rectifier
A.C. 1 minute
TC = 110 °C
Maximum thermal resistance junction to case
(per leg)
RΘjc
°C/W
Tj = 150 °C
0.80
IFM = 50 A, Tj = 125 °C
Maximum instantaneous reverse current at
rated DC blocking voltage (per leg)
IR
Maximum instantaneous forward voltage*
(per leg)
IFM = 50 A, Tj = 25 °C
VF
Tj = 100 °C
MBR2X050A045
Tj = 25 °C
8.3 ms, half sine
Maximum ratings
Conditions
Electrical characteristics at 25 °C, unless otherwise specified
Conditions
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/mbr2x050a045


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn