Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KBU8A Datasheet(Fiches technique) 1 Page - GeneSiC Semiconductor, Inc.

Numéro de pièce KBU8A
Description  Single Phase Silicon Bridge Rectifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo 

KBU8A Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 8 A
Features
• Ideal for printed circuit boards
• High forward surge current capability
KBU Package
• Not ESD Sensitive
Mechanical Data
Weight: 0.268 ounces, 7.6 grams
Parameter
Symbol
KBU8A
KBU8B
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBU8A
KBU8B
Unit
8
8
A
6
6
Peak forward surge current
IFSM
300
300
A
Maximum instantaneous
forward voltage drop per leg
1.0
1.0
10
10
500
500
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Tc = 100 °C
8
8
tp = 8.3 ms, half sine
300
300
-55 to 150
KBU8G
10
10
KBU8D
Single Phase Silicon
Bridge Rectifier
-55 to 150
-55 to 150
Conditions
400
280
400
200
• Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
• High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375
(9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Types from 50 V up to 400 V V
RRM
KBU8A thru KBU8G
Ta = 25 °C
IF = 8.0 A
Conditions
KBU8G
200
140
KBU8D
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Maximum DC reverse current at
rated DC blocking voltage
IR
Ta = 100 °C
1.0
μA
Case: Molded plastic body
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
1.0
500
500
Mounting torque: 5 inch-lbs max
VF
Maximum average forward
rectified current
IO
Ta = 45 °C
6
6
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbu8b.pdf


Html Pages

1  2  3 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn