Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC80251G2D-24CB Fiches technique(PDF) 1 Page - TEMIC Semiconductors

No de pièce TSC80251G2D-24CB
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G2D-24CB Fiches technique(HTML) 1 Page - TEMIC Semiconductors

  TSC80251G2D-24CB Datasheet HTML 1Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 2Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 3Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 4Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 5Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G2D-24CB Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Rev. A - May 7, 1999
1
TSC80251G2D
8/16-bit
Microcontroller
with
Serial
Communication
Interfaces
1. Description
The TSC80251G2D products are derivatives of the
TEMIC Microcontroller family based on the 8/16-bit
C251 Architecture. This family of products is tailored
to 8/16-bit microcontroller applications requiring an
increased instruction throughput, a reduced operating
frequency or a larger addressable memory space. The
architecture can provide a significant code size reduction
when compiling C programs while fully preserving the
legacy of C51 assembly routines.
The TSC80251G2D derivatives are pin and software
compatible
with
standard
80C51/Fx/Rx/Rx+
with
extended on-chip data memory (1 Kbyte RAM) and up
to 256 Kbytes of external code and data. Additionally,
the TSC83251G2D and TSC87251G2D provide on-chip
code memory: 32 Kbytes ROM and 32 Kbytes EPROM/
OTPROM respectively.
They provide transparent enhancements to Intel’s
8xC251Sx family with an additional Synchronous Serial
Link Controller (SSLC supporting I2C,
µWire and SPI
protocols), a Keyboard interrupt interface, a dedicated
Baud Rate Generator for UART, and Power Management
features.
TSC80251G2D derivatives are optimized for speed and
for low power consumption on a wide voltage range.
Note:
This Datasheet provides the technical description of the TSC80251G2D derivatives. For further information on the device usage, please request
the TSC80251 Programmer’s Guide and the TSC80251G1D Design Guide.
2. Typical Applications
q
ISDN Terminals
q
High-Speed Modems
q
PABX (SOHO)
q
Line Cards
q
DVD ROM and Players
q
Printers
q
Plotters
q
Scanners
q
Banking Machines
q
Barcode Readers
q
Smart Cards Readers
q
High-End Digital Monitors
q
High-End Joysticks


Numéro de pièce similaire - TSC80251G2D-24CB

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC80251G2D-24CB ATMEL-TSC80251G2D-24CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D-24CB ATMEL-TSC80251G2D-24CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Description similaire - TSC80251G2D-24CB

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com