Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-8700-3-821M Datasheet(Fiches technique) 5 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8700-3-821M
Description  SHIELDED SMD POWER INDUCTORS
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-8700-3-821M Datasheet(HTML) 5 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
368
RL-8700-3
M = ±20%
Renco Part No.
RL-8700-3
Inductance
(µH)
DCR Max.
(Ohms)
Irms (A)
∆T = 20°C
Irms (A)
∆T = 40°C
Isat
10%
(A)
Isat
20%
(A)
SRF (MHz)
Typ.
RL-8700-3-100M
10.0
0.075
1.95
2.35
2.00
2.30
24.00
RL-8700-3-120M
12.0
0.088
1.85
2.30
1.65
1.95
23.00
RL-8700-3-150M
15.0
0.100
1.65
2.25
1.60
1.85
21.00
RL-8700-3-180M
18.0
0.150
1.48
2.15
1.50
1.70
19.00
RL-8700-3-220M
22.0
0.163
1.33
1.85
1.40
1.55
17.00
RL-8700-3-270M
27.0
0.200
1.27
1.70
1.15
1.35
15.40
RL-8700-3-330M
33.0
0.225
1.20
1.65
0.95
1.15
13.30
RL-8700-3-470M
47.0
0.375
0.90
1.30
0.85
1.08
21.10
RL-8700-3-560M
56.0
0.425
0.85
1.20
0.80
1.04
11.00
RL-8700-3-680M
68.0
0.475
0.75
1.05
0.78
1.00
10.10
RL-8700-3-820M
82.0
0.600
0.70
1.00
0.75
0.90
8.40
RL-8700-3-101M
100.0
0.700
0.65
0.95
0.70
0.80
7.20
RL-8700-3-121M
120.0
0.763
0.60
0.85
0.65
0.75
6.90
RL-8700-3-151M
150.0
1.250
0.55
0.75
0.55
0.60
6.00
RL-8700-3-181M
180.0
1.410
0.50
0.70
0.50
0.55
5.50
RL-8700-3-221M
220.0
1.530
0.45
0.65
0.45
0.54
4.90
RL-8700-3-271M
270.0
2.150
0.40
0.55
0.40
0.50
4.30
RL-8700-3-331M
330.0
2.490
0.35
0.45
0.35
0.48
3.90
RL-8700-3-391M
390.0
2.730
0.30
0.40
0.32
0.46
3.60
RL-8700-3-471M
470.0
4.400
0.25
0.35
0.31
0.44
3.50
RL-8700-3-561M
560.0
4.900
0.23
0.34
0.29
0.33
3.10
RL-8700-3-681M
680.0
5.730
0.22
0.32
0.26
0.30
2.90
RL-8700-3-821M
820.0
6.560
0.21
0.30
0.24
0.27
2.50
RL-8700-3-102M
1000.0
7.590
0.20
0.27
0.22
0.26
2.40
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY PERCENTAGE SHOWN ABOVE
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE BY TEMPERATURE SHOWN ABOVE
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. RESISTANCE TO SOLDER HEAT: 260ºC 10 SECONDS
5. COMPLETE WINDING TO CORE ISOLATION
6. INDUCTANCE TESTED AT 10 kHz, 0.25Vrms


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn