Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RL-8700-3-391M Datasheet(Fiches technique) 2 Page - RENCO ELECTRONICS, INC.

Numéro de pièce RL-8700-3-391M
Description  SHIELDED SMD POWER INDUCTORS
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENCO [RENCO ELECTRONICS, INC.]
Site Internet  https://www.rencousa.com/
Logo 

RL-8700-3-391M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
365
RL-8700
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-8700-3
1.0g (0.03oz)
RL-8700-4
1.1g (0.04oz)
PART NUMBER
A (MAX.)
B (MAX.)
C (MAX.)
D
E (MAX.)
F (MAX.)
RL-8700-3
0.295 (7.500)
0.295 (7.500)
0.13 (3.40)
N/A
0.19 (5.00)
0.07 (1.80)
RL-8700-4
0.295 (7.500)
0.295 (7.500)
0.17 (4.50)
N/A
0.19 (5.00)
0.07 (1.80)
A
B
C
E
F
G
H
I
BOTTOM VIEW
G (REF.)
H (REF.)
I (REF.)
0.086 (2.20)
0.19 (4.80)
0.062 (1.60)
0.086 (2.20)
0.19 (4.80)
0.062 (1.60)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn