Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P561-050-EZ Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce P561-050-EZ
Description  DVI Single Link Easy Pull Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561-050-EZ Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P561-050-EZ Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561-050-EZ Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In most applications, a signal booster (Model Number: B120-000-SL) should be used with this cable to
ensure a signal strong enough for your display. An alternate solution is to use a Tripp Lite DVI over Cat5
Extender (Model Number: B140-101X) in place of a 50 ft. DVI cable and signal booster.
DVI Single Link Easy Pull Digital TMDS Monitor
Cable (DVI-D M/M), 50-ft.
MODEL NUMBER: P561-050-EZ
Description
Tripp Lite's 50 ft. DVI-D Single Link Easy Pull All-in-One Monitor Cable makes running long length video
cables a snap. The pull-apart design allows the cable to be run through conduit or other tight areas that a
DVI connector wouldn't fit through. Diameter of the circular DIN end is only 7/8". Circular Easy Pull
connector is threaded to ensure maximum security once the cable is reattached. Use in conjunction with
DVI video cards that are specified as Single Link. DVI connectors are molded, have integral strain relief
for long life reliability, and a ferrite collar to drain off extraneous electrical interference. In most
applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a signal strong
enough for your display.
Features
Two-piece design runs through conduit or other tight areas
q
Threaded circular DIN connector provides secure reattachment
q
For use with Single Link TMDS specified equipment
q
Compatible with Flat Panel Displays, Digital CRT Displays and Projectors
q
Provides bandwidth for resolutions up to 1920 x 1200
q
High Speed Digital Transmission to 9.9Gbps
q
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
q
In most applications, a signal booster (B120-000-SL) will need to be used with this cable to ensure a
signal strong enough for your display
q
Highlights
Two-piece design runs through
conduit or other tight areas
q
Threaded circular DIN connector
provides secure reattachment
q
For use with Single Link TMDS
specified equipment
q
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
q
Provides bandwidth for
resolutions up to 1920 x 1200
q
High Speed Digital
Transmission to 9.9Gbps
q
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
q
Package Includes
50-ft. Easy Pull All-in-One DVI
Single Link Cable (DVI-D M/M)
q
1 / 2


Numéro de pièce similaire - P561-050-EZ

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P561-050 TRIPPLITE-P561-050 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
More results

Description similaire - P561-050-EZ

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
P561-100-EZ TRIPPLITE-P561-100-EZ Datasheet
156Kb / 2P
   DVI Single Link Easy Pull Digital TMDS Monitor Cable (DVI-D M/M), 100-ft.
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-050 TRIPPLITE-P561-050 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
P560050 TRIPPLITE-P560050 Datasheet
501Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-050 TRIPPLITE-P560-050 Datasheet
167Kb / 2P
   DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 50-ft.
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com